Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCD5580 Datasheet (PDF) - Siemens Semiconductor Group

PLCD5580 Datasheet PDF - Siemens Semiconductor Group
Part # PLCD5580
Download  PLCD5580 Download
File Size   292.11 Kbytes
Page   12 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Low Power 0.145??8-Character, 5x5 Dot Matrix Parallel Input Alphanumeric Intelligent Display

PLCD5580 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLCD5580 Datasheet PDF - Siemens Semiconductor Group

Part # PLCD5580
Download  PLCD5580 Click to download

File Size   292.11 Kbytes
Page   12 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Low Power 0.145??8-Character, 5x5 Dot Matrix Parallel Input Alphanumeric Intelligent Display

PLCD5580 Datasheet (HTML) - Siemens Semiconductor Group


PLCD5580 Product details

DESCRIPTION
The PLCD5580 (Red), PLCD5581 (Yellow), PLCD5582 (High Efficiency Red), PLCD5583 (Green), and PLCD5584 (High Efficiency Green) are eight digit, 5x5 dot matrix, alphanumeric Programmable Displays. The 0.145 inch high digits are packaged in a rugged, high quality, optically transparent, standard 0.6 inch 28 pin plastic DIP.

FEATURES
• Eight 0.145” (3.68 mm) High 5 x 5 Dot Matrix Characters in Red, Yellow, High Efficiency Red, Green, or High Efficiency Green
• Built-in 2 Page, 256 Character ROM. Both Pages Mask Programmable for Custom Fonts
• Built-in Decoders, Multiplexers and Drivers
• Wide Viewing Angle, X Axis ±50°, Y Axis ±65°
• Programmable Features:
    – Individual Flashing Character
    – Full Display Blinking
    – Multi-Level Dimming and Blanking
    – Clear Function
    – Lamp Test
• Internal or External Clock
• End Stackable Dual-In-Line Plastic Package
• Low Power: 20% Less Power Consumption Than 5 X 7 Format




Similar Part No. - PLCD5580

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03 Datasheet
96Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
85Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
884Kb / 9P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
917Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
886Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Similar Description - PLCD5580

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
logo
Infineon Technologies A...
HDSP2000LP INFINEON-HDSP2000LP Datasheet
424Kb / 7P
0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
April 4, 2000-11
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com