Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCDA03 Datasheet (PDF) - Protek Devices

PLCDA03 Datasheet PDF - Protek Devices
Part # PLCDA03
Download  PLCDA03 Download
File Size   96.7 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE TVS ARRAY

PLCDA03 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLCDA03 Datasheet PDF - Protek Devices

Part # PLCDA03
Download  PLCDA03 Click to download

File Size   96.7 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE TVS ARRAY

PLCDA03 Datasheet (HTML) - Protek Devices


PLCDA03 Product details

DESCRIPTION
The PLCDAxx Series are ultra low capacitance multi-line transient voltage suppressor arrays that provides board level protection for standard TTL and CMOS bus line applications against the damaging effects of ESD, tertiary lightning and switching transients.
The PLCDAxx Series has a peak pulse power rating of 500 Watts for an 8/20µs waveshape. This device series meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Gnd) & Level 3(Line-Line)
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration
• Available in Multiple Voltages Ranging from 3V to 24V
• Protects Two Lines
• Ultra Low Capacitance: 5pF
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Computer Interface Protection
• Ethernet - 10/100/1000 Base T
• Audio/Video Inputs
• Cellular Phone Terminals




Similar Part No. - PLCDA03

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03 Datasheet
85Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
884Kb / 9P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
917Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
886Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03 Datasheet
886Kb / 9P
500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
More results


Similar Description - PLCDA03

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
logo
Protek Devices
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com