Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCDA03 Datasheet(PDF) 3 Page - Protek Devices

Part # PLCDA03
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLCDA03 Datasheet(HTML) 3 Page - Protek Devices

  PLCDA03 Datasheet HTML 1Page - Protek Devices PLCDA03 Datasheet HTML 2Page - Protek Devices PLCDA03 Datasheet HTML 3Page - Protek Devices PLCDA03 Datasheet HTML 4Page - Protek Devices PLCDA03 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.protekdevices.com
05076.R 7 4/05
PLCDA03
thru
PLCDA24
GRAPHS
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR PLCDA05
ESD Test Pulse: 25 kilovolt, 1/30ns (waveshape)
0
10
20
30
40
FIGURE 7
RETURN LOSS - PLCDA05
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
FIGURE 6
INSERTION LOSS - PLCDA05
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
0
2
4
6
8
10
12
I
PP - Peak Pulse Current - Amps
0
10
20
30
FIGURE 5
TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT FOR PLCDA15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com