Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB2120 Datasheet (PDF) - Siemens Semiconductor Group

PSB2120 Datasheet PDF - Siemens Semiconductor Group
Part # PSB2120
Download  PSB2120 Download
File Size   292.59 Kbytes
Page   20 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ISDN Remote Power Controller

PSB2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB2120 Datasheet PDF - Siemens Semiconductor Group

Part # PSB2120
Download  PSB2120 Click to download

File Size   292.59 Kbytes
Page   20 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ISDN Remote Power Controller

PSB2120 Datasheet (HTML) - Siemens Semiconductor Group


PSB2120 Product details

ISDN Remote Power Controller (IRPC)

The PSB 2120 is a Pulse Width Modulator (PWM) circuit designed for fixed-frequency switching regulators especially for telephony and ISDN-environments.
The PSB 2120 is fully compatible with the CCITT-power recommendations on the “S”-interface.
Coupled with a few external components it can provide a stable 5 V DC-supply for subscriber terminals (TE’s) or network terminators (NT’s). It can also be programmed for higher output voltages, e.g. to supply the S-lines with 40 V.
In telephony and ISDN-systems a high conversion yield is crucial to maintain functionality in all supply conditions via “S”- or “U”-interfaces. The PSB 2120 design and technology realizes high conversion efficiency and low power dissipation.
It should be recognized that the PSB 2120 can also be used in numerous DC/DC-conversion systems other than ISDN-power supplies.

Features
● Switched mode DC/DC-converter
● Switched mode DC/DC-converter
● CCITT (I.430) ISDN compatible
● Integrated 200 V power FET
   (only PSB 2120-P in P-DIP-22)
● Low power dissipation
● Supply voltage range 10 V to 60 V
● Input undervoltage detection
● Programmable overcurrent protection
● Soft start
● Control circuit to achieve minimum start-up current
● Power housekeeping input
● Oscillator synchronization input/output
● Polarity reversal detection
● High voltage CMOS-technology 60 V




Similar Part No. - PSB2120

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2121 SIEMENS-PSB2121 Datasheet
222Kb / 13P
General-Purpose Power Controller
PSB2121-P SIEMENS-PSB2121-P Datasheet
222Kb / 13P
General-Purpose Power Controller
PSB2121-T SIEMENS-PSB2121-T Datasheet
222Kb / 13P
General-Purpose Power Controller
More results


Similar Description - PSB2120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
ISDN HDLC AND GCI CONTROLLER
Mar-2000
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
Remote Controller MCU
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
ISDN S/T CONTROLLER
logo
Siemens Semiconductor G...
PEB2085 SIEMENS-PEB2085 Datasheet
1Mb / 320P
ISDN SubscribernAccess Controller
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
Siemens Semiconductor G...
PEB2025 SIEMENS-PEB2025 Datasheet
689Kb / 21P
ISDN Exchange Power Controller
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
Remote Controller MCU
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
logo
E-CMOS Corporation
ECF9000 E-CMOS-ECF9000 Datasheet
387Kb / 3P
RFID remote controller
logo
Infineon Technologies A...
PEB2426 INFINEON-PEB2426 Datasheet
345Kb / 30P
Quad ISDN High Voltage Power Controller
06.99 DS 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com