Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB7110 Datasheet (PDF) - Siemens Semiconductor Group

PSB7110 Datasheet PDF - Siemens Semiconductor Group
Part # PSB7110
Download  PSB7110 Download
File Size   1173.26 Kbytes
Page   164 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Enhanced ISDN Data Access Controller ISAR

PSB7110 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB7110 Datasheet PDF - Siemens Semiconductor Group

Part # PSB7110
Download  PSB7110 Click to download

File Size   1173.26 Kbytes
Page   164 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Enhanced ISDN Data Access Controller ISAR

PSB7110 Datasheet (HTML) - Siemens Semiconductor Group


PSB7110 Product details

General Information
The ISAR PSB 7110, ISDN Data Access Controller forms an advanced solution for ISDN applications communicating with remote ISDN as well as analog terminals. The ISAR is designed for applications on PC- or workstation platforms, but can also be used in ISDN/analog combining terminals.
It integrates two data formatting units which support binary framing, HDLC and ASYNC, which is an asynchronous data formatting according to ITU-T V.14. The data from the formatting units is than input data to a fax/modem modulation or V.110 or transparent framing towards the IOM-2 timeslots.

Features
* Two universal formatter supporting ASYNC (ITU-T V.14), HDLC and binary framing of data for B-channel applications
* Bit rate adaptation according to V.110 for both B-channels (except during datamodem modulation)
* IOM-2 terminal mode (1.536 MHz), line card mode (4 MHz)
* Fax/Modemmodulation up to 14400 bps (V.32 bis, V.17) including fallback modes
* DTMF generation / detection
* 61 byte FIFO per direction for host interface communication
* External memory interface to connect external SRAM with a size of 32K x 16 for program and data
* Mailbox interface for host communication
* 3.6V power supply with separate 5V supply for interface pins
* Thin QFP-package
* Advanced CMOS technology




Similar Part No. - PSB7110

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7115 SIEMENS-PSB7115 Datasheet
2Mb / 264P
Enhanced ISDN Data Access Controller ISAR 34
PSB7115FV2.1 SIEMENS-PSB7115FV2.1 Datasheet
2Mb / 264P
Enhanced ISDN Data Access Controller ISAR 34
More results


Similar Description - PSB7110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
Direct Memory Access Controller
logo
Siemens Semiconductor G...
PSB7115 SIEMENS-PSB7115 Datasheet
2Mb / 264P
Enhanced ISDN Data Access Controller ISAR 34
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
Siemens Semiconductor G...
PEB2085 SIEMENS-PEB2085 Datasheet
1Mb / 320P
ISDN SubscribernAccess Controller
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
National Semiconductor ...
54F407 NSC-54F407 Datasheet
165Kb / 10P
DATA ACCESS REGISTER
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
DIRECT MEMORY ACCESS CONTROLLER
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
Media Access Controller
logo
Red Lion Controls. Inc
CSMSTRZR REDLION-CSMSTRZR Datasheet
579Kb / 2P
Enhanced Data Station Plus & Modular Controller
logo
Siemens Semiconductor G...
PSB2186 SIEMENS-PSB2186 Datasheet
1Mb / 240P
ISDN Subscriber Access Controller for Terminals
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com