Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB7115 Datasheet (PDF) - Siemens Semiconductor Group

PSB7115 Datasheet PDF - Siemens Semiconductor Group
Part # PSB7115
Download  PSB7115 Download
File Size   2493.01 Kbytes
Page   264 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Enhanced ISDN Data Access Controller ISAR 34

PSB7115 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB7115 Datasheet PDF - Siemens Semiconductor Group

Part # PSB7115
Download  PSB7115 Click to download

File Size   2493.01 Kbytes
Page   264 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Enhanced ISDN Data Access Controller ISAR 34

PSB7115 Datasheet (HTML) - Siemens Semiconductor Group


PSB7115 Product details

General Information
The ISAR 34, ISDN Data Access Controller forms an advanced solution for ISDN applications communicating with remote ISDN as well as analog terminals.
The ISAR 34 PSB 7115 follows its predecessor ISAR PSB 7110 which is capable of modem modulation up to 14400 bit/s (V.32bis). The new ISAR 34 has the similar functional architecture and additionally supports modem modulation up to 33600 bit/s (V.34bis). As well the platform is upgradeable to new modem standards (PCM modems) and is able to run algorithms for audio compression (e.g. G.728) or answering machine alternatively. A special version called "ISAR AC" is available for this purpose

Features
• Modem modulation up to 33600 bit/s (V.34bis) including fallback modes
• Fax modulation up to 14400 bit/s (V.17) including fallback modes
• Bit rate adaptation according to V.110 for both Bchannels (except during datamodem modulation)
• DTMF generation and detection in one channel
• Two universal formatters supporting ASYNC (ITU-T V.14), HDLC and binary framing of data for Bchannel applications
• V.8 rate negotiation
• ISDN D-channel HDLC controller with TIC bus support
• ISDN C/I-channel and MONITOR channel handler
• IOM-2 terminal mode (1.536 MHz), line card mode (4.096 MHz)
• Mailbox interface for host communication
• External memory interface to connect external program and data memory
• Upgradeable to new technologies (e.g. PCM modem)
• 256 byte FIFO per direction for host interface communication of B-channel data
• 9 programmable general purpose I/O lines
• On-Chip PLL for clock generation
• 3.3 V power supply
• Thin QFP-package
• Advanced CMOS technology




Similar Part No. - PSB7115

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
Enhanced ISDN Data Access Controller ISAR
More results


Similar Description - PSB7115

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
Direct Memory Access Controller
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
Enhanced ISDN Data Access Controller ISAR
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
Siemens Semiconductor G...
PEB2085 SIEMENS-PEB2085 Datasheet
1Mb / 320P
ISDN SubscribernAccess Controller
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
National Semiconductor ...
54F407 NSC-54F407 Datasheet
165Kb / 10P
DATA ACCESS REGISTER
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
DIRECT MEMORY ACCESS CONTROLLER
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
Media Access Controller
logo
Red Lion Controls. Inc
CSMSTRZR REDLION-CSMSTRZR Datasheet
579Kb / 2P
Enhanced Data Station Plus & Modular Controller
logo
Siemens Semiconductor G...
PSB2186 SIEMENS-PSB2186 Datasheet
1Mb / 240P
ISDN Subscriber Access Controller for Terminals
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com