Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5780 Datasheet (PDF) - Analog Devices

AD5780 Datasheet PDF - Analog Devices
Part # AD5780
Download  AD5780 Download
File Size   599.6 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description System Ready, 18-Bit 짹1 LSB INL

AD5780 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5780 Datasheet PDF - Analog Devices

Part # AD5780
Download  AD5780 Click to download

File Size   599.6 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description System Ready, 18-Bit 짹1 LSB INL

AD5780 Datasheet (HTML) - Analog Devices


AD5780 Product details

GENERAL DESCRIPTION
The AD57801 is a true 18-bit, unbuffered voltage output digitalto-analog converter (DAC) that operates from a bipolar supply of up to 33 V. The AD5780 accepts a positive reference input range of 5 V to VDD − 2.5 V and a negative reference input range of VSS + 2.5 V to 0 V. Both reference inputs are buffered on chip and external buffers are not required. The AD5780 offers a relative accuracy specification of ±1 LSB maximum range, and operation is guaranteed monotonic with a ±1 LSB differential nonlinearity (DNL) maximum range specification.

FEATURES
   True 18-bit voltage output DAC, ±1 LSB INL
   8 nV/√Hz output noise spectral density
   0.025 LSB long-term linearity error stability
   ±0.018 ppm/°C gain error temperature coefficient
   2.5 µs output voltage settling time
   3.5 nV-sec midscale glitch impulse
   Integrated precision reference buffers
   Operating temperature range: −40°C to +125°C
   4 mm × 5 mm LFCSP package
   Wide power supply range of up to ±16.5 V
   35 MHz Schmitt triggered digital interface
   1.8 V-compatible digital interface

APPLICATIONS
   Medical instrumentation
   Test and measurement
   Industrial control
   Scientific and aerospace instrumentation
   Data acquisition systems
   Digital gain and offset adjustment
   Power supply control




Similar Part No. - AD5780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5780 AD-AD5780 Datasheet
554Kb / 32P
Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5780 AD-AD5780 Datasheet
882Kb / 28P
System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5780 AD-AD5780 Datasheet
668Kb / 27P
Voltage Output DAC
4/2018-Rev. E to Rev. F
AD5780ACPZ AD-AD5780ACPZ Datasheet
668Kb / 27P
Voltage Output DAC
4/2018-Rev. E to Rev. F
AD5780ACPZ-REEL7 AD-AD5780ACPZ-REEL7 Datasheet
668Kb / 27P
Voltage Output DAC
4/2018-Rev. E to Rev. F
More results


Similar Description - AD5780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7679 AD-AD7679 Datasheet
556Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD5790 AD-AD5790 Datasheet
882Kb / 28P
System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD5781 AD-AD5781 Datasheet
854Kb / 28P
True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com