Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5781 Datasheet (PDF) - Analog Devices

AD5781 Datasheet PDF - Analog Devices
Part # AD5781
Download  AD5781 Download
File Size   854.81 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL

AD5781 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5781 Datasheet PDF - Analog Devices

Part # AD5781
Download  AD5781 Click to download

File Size   854.81 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL

AD5781 Datasheet (HTML) - Analog Devices


AD5781 Product details

GENERAL DESCRIPTION
The AD57811 is a single 18-bit, unbuffered voltage output digitalto-analog converter (DAC) that operates from a bipolar supply of up to 33 V. The AD5781 accepts a positive reference input range of 5 V to VDD − 2.5 V and a negative reference input range of VSS + 2.5 V to 0 V. The AD5781 offers a relative accuracy specification of ±0.5 LSB maximum, and operation is guaranteed monotonic with a ±0.5 LSB differential nonlinearity (DNL) maximum specification.

FEATURES
   Single 18-bit DAC, ±0.5 LSB INL
   7.5 nV/√Hz noise spectral density
   0.05 LSB long-term linearity stability
   <0.05 ppm/°C temperature drift
   1 µs settling time
   1.4 nV-sec glitch impulse
   Operating temperature range: −40°C to +125°C
   20-lead TSSOP package
   Wide power supply range of up to ±16.5 V
   35 MHz Schmitt triggered digital interface
   1.8 V compatible digital interface

APPLICATIONS
   Medical instrumentation
   Test and measurement
   Industrial control
   Scientific and aerospace instrumentation
   Data acquisition systems
   Digital gain and offset adjustment
   Power supply control




Similar Part No. - AD5781

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5781 AD-AD5781 Datasheet
554Kb / 32P
Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5781 AD-AD5781 Datasheet
599Kb / 28P
System Ready, 18-Bit 짹1 LSB INL
REV. C
AD5781 AD-AD5781 Datasheet
882Kb / 28P
System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5781 AD-AD5781 Datasheet
436Kb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5781 AD-AD5781 Datasheet
886Kb / 27P
True 18-Bit, Voltage Output DAC
4/2018-Rev. D to Rev. E
More results


Similar Description - AD5781

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7679 AD-AD7679 Datasheet
556Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD5760 AD-AD5760 Datasheet
554Kb / 32P
Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5780 AD-AD5780 Datasheet
599Kb / 28P
System Ready, 18-Bit 짹1 LSB INL
REV. C
AD7693BRMZ AD-AD7693BRMZ Datasheet
624Kb / 24P
16-Bit, 짹0.5 LSB, 500 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. A
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD5791 AD-AD5791_13 Datasheet
900Kb / 28P
1 ppm 20-Bit, 1 LSB INL, Voltage Output DAC
REV. D
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
16-Bit, 1 LSB INL
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com