Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5234 Datasheet (PDF) - Analog Devices

ADG5234 Datasheet PDF - Analog Devices
Part # ADG5234
Download  ADG5234 Download
File Size   360.68 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof

ADG5234 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG5234 Datasheet PDF - Analog Devices

Part # ADG5234
Download  ADG5234 Click to download

File Size   360.68 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof

ADG5234 Datasheet (HTML) - Analog Devices


ADG5234 Product details

GENERAL DESCRIPTION

The ADG5233 and ADG5234 are monolithic industrial CMOS analog switches comprising three independently selectable single-pole, double throw (SPDT) switches and four indepen dently selectable SPDT switches, respectively.

All channels exhibit break-before-make switching action that prevents momentary shorting when switching channels. An EN input on the ADG5233 (LFCSP and TSSOP packages) is used to enable or disable the device. When disabled, all channels are switched off.

The ultralow capacitance and charge injection of these switches make them ideal solutions for data acquisition and sample-and hold applications, where low glitch and fast settling are required. Fast switching speed coupled with high signal bandwidth make these devices suitable for video signal switching.



FEATURES

  Latch-up proof

  4.5 pF off source capacitance

  10 pF off drain capacitance

  −0.6 pC charge injection

  Low on resistance: 160 Ω typical

  ±9 V to ±22 V dual-supply operation

  9 V to 40 V single-supply operation

  48 V supply maximum ratings

  Fully specified at ±15 V, ±20 V, +12 V, and +36 V

  VDD to VSS analog signal range

  Human body model (HBM) ESD rating

     4 kV I/O port to supplies

     1 kV I/O port to I/O port

     4 kV all other pins



APPLICATIONS

  Automatic test equipment

  Data acquisition

  Instrumentation

  Avionics

  Audio and video switching

  Communication systems



 




Similar Part No. - ADG5234

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
High Voltage Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
ADG5236BCPZ-RL7 AD-ADG5236BCPZ-RL7 Datasheet
400Kb / 20P
High Voltage Latch-Up Proof
REV. A
ADG5236BRUZ AD-ADG5236BRUZ Datasheet
400Kb / 20P
High Voltage Latch-Up Proof
REV. A
ADG5236BRUZ-RL7 AD-ADG5236BRUZ-RL7 Datasheet
400Kb / 20P
High Voltage Latch-Up Proof
REV. A
More results


Similar Description - ADG5234

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
High Voltage Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
High Voltage, Latch-Up Proof, Triple SPDT Switches
Apr-2013
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com