Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304 Datasheet (PDF) - Analog Devices

ADL5304 Datasheet PDF - Analog Devices
Part # ADL5304
Download  ADL5304 Download
File Size   934.97 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, 200 dB Range

ADL5304 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5304 Datasheet PDF - Analog Devices

Part # ADL5304
Download  ADL5304 Click to download

File Size   934.97 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, 200 dB Range

ADL5304 Datasheet (HTML) - Analog Devices


ADL5304 Product details

GENERAL DESCRIPTION

The ADL5304is a high speed logarithmic converter with fast response and low noise over a 200 dB (1 pA to 10 mA) measure ment range. The ADL5304provides a nominal logarithmic slope of 10 mV/dB (200 mV/decade); other values are easily configured. Logarithmic intercept can be programmed over a wide range with the internal 100 nA current source or externally for log ratio applications.



FEATURES

Optimized for very fast response at all input currents

  Overall bandwidth of >4 MHz for inputs >1 μA

  Bandwidth: 25 kHz at input of 1 nA and 350 kHz at 10 nA

10 decades of input range: 1 pA to 10 mA

Law conformance: ±0.25 dB from 100 pA to 100 μA

Log ratio or fixed-intercept operation

Precision voltage references and reference current

Adaptive photodiode (PD) bias for low dark current

Programmable log slope and intercept

Default log slope of 10 mV/dB at VLOG pin

Single- or dual-supply operation



APPLICATIONS

High accuracy optical power measurement

Wide range baseband log compression

Versatile detector for high speed APC loops




Similar Part No. - ADL5304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5304 AD-ADL5304 Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
ADL5304-EVALZ AD-ADL5304-EVALZ Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
ADL5304ACPZ-R2 AD-ADL5304ACPZ-R2 Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
ADL5304ACPZ-R7 AD-ADL5304ACPZ-R7 Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
ADL5304ACPZ-RL AD-ADL5304ACPZ-RL Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
More results


Similar Description - ADL5304

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
Wide Dynamic Range, High Speed
REV. 0
ADL5202 AD-ADL5202 Datasheet
1Mb / 32P
Wide Dynamic Range, High Speed
REV. 0
logo
API Technologies Corp
ENL9654 APITECH-ENL9654 Datasheet
224Kb / 1P
Compression Range: 55 dB
logo
Pasternack Enterprises,...
PE80L2001 PASTERNACK-PE80L2001 Datasheet
424Kb / 7P
High Speed 200 Watt Peak Limit
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
32 dB Attenuation Range
logo
A-Data Technology
OBR4600 A-DATA-OBR4600 Datasheet
825Kb / 4P
70 dB dynamic range
logo
Analog Devices
ADL5304 AD-ADL5304_16 Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
logo
TOKYO SEIMITSU CO., LTD
SURFCOMCREST ACCRETECH-SURFCOMCREST Datasheet
443Kb / 2P
SURFCOMCREST high speed and wide range
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com