Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336 Datasheet (PDF) - Analog Devices

ADL5336 Datasheet PDF - Analog Devices
Part # ADL5336
Download  ADL5336 Download
File Size   1057.53 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Cascadable IF VGAs

ADL5336 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5336 Datasheet PDF - Analog Devices

Part # ADL5336
Download  ADL5336 Click to download

File Size   1057.53 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Cascadable IF VGAs

ADL5336 Datasheet (HTML) - Analog Devices


ADL5336 Product details

GENERAL DESCRIPTION
The ADL5336 consists of a pair of variable gain amplifiers (VGAs) designed for cascaded IF applications. The amplifiers have linearin-dB gain control and operate from low frequencies to 1 GHz. Their excellent gain conformance over the control range and flatness over frequency are due to Analog Devices, Inc., patented X-AMP® architecture, an innovative technique for implementing high performance variable gain control.

FEATURES
   Pair of VGAs with rms AGC detectors
   VGA and AGC modes of operation
   Continuous gain control range: 48 dB
   Noise figure = 6.8 dB at maximum gain
   IMD3 >62 dBc for 1.0 V p-p composite output
   Differential input and output
   Multiplexed inputs for VGA2
   Programmable detector AGC setpoints
   Programmable VGA maximum gain
   Power-down feature
   Single 5 V supply operation

APPLICATIONS
   Point-to-multipoint radios
   Instrumentation
   Medical




Similar Part No. - ADL5336

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5336 AD-ADL5336 Datasheet
199Kb / 6P
An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
ADL5336 AD-ADL5336 Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
ADL5336-EVALZ AD-ADL5336-EVALZ Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
ADL5336ACPZ-R7 AD-ADL5336ACPZ-R7 Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
More results


Similar Description - ADL5336

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2306 MAXIM-MAX2306 Datasheet
295Kb / 20P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
MAX2310 MAXIM-MAX2310 Datasheet
342Kb / 22P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
Ultralow Noise VGAs with Preamplifier and Programmable RIN
4/06-Rev. D to Rev. E
logo
Maxim Integrated Produc...
MAX2310 MAXIM-MAX2310_07 Datasheet
251Kb / 22P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 2; 6/07
logo
Analog Devices
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
logo
Teledyne Technologies I...
GPDGPM TELEDYNE-GPDGPM Datasheet
280Kb / 24P
IF/RF Low Cost Cascadable
logo
Analog Devices
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
Dual Programmable Filters and VGAs
4/2017-Revision 0
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com