Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2310 Datasheet (PDF) - Maxim Integrated Products

MAX2310 Datasheet PDF - Maxim Integrated Products
Part # MAX2310
Download  MAX2310 Download
File Size   342.95 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer

MAX2310 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2310 Datasheet PDF - Maxim Integrated Products

Part # MAX2310
Download  MAX2310 Click to download

File Size   342.95 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer

MAX2310 Datasheet (HTML) - Maxim Integrated Products


MAX2310 Product details

General Description
The MAX2310/MAX2312/MAX2314/MAX2316 are IF receivers designed for dual-band, dual-mode, and single-mode N-CDMA and W-CDMA cellular phone systems. The signal path consists of a variable gain amplifier (VGA) and I/Q demodulator. The devices feature guaranteed +2.7V operation, a dynamic range of over 110dB, and high input IP3 (-33dBm at 35dB gain, 1.7dBm at -35dB).

Features
♦ Complete IF Subsystem Includes VCO and Synthesizer
♦ Supports Dual-Band, Triple-Mode Operation
♦ VGA with >110dB Gain Control
♦ Quadrature Demodulator
♦ High Output Level (2.7V)
♦ Programmable Charge-Pump Current
♦ Supports Any IF Frequency Between 40MHz and 300MHz
♦ 3-Wire Programmable Interface
♦ Low Supply Voltage (+2.7V)

Applications
    Single/Dual/Triple-Mode CDMA Handsets
    Globalstar Dual-Mode Handsets
    Wireless Data Links
    Tetra Direct-Conversion Receivers
    Wireless Local Loop (WLL)




Similar Part No. - MAX2310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2310 MAXIM-MAX2310 Datasheet
251Kb / 22P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 2; 6/07
MAX2310EEI MAXIM-MAX2310EEI Datasheet
251Kb / 22P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 2; 6/07
MAX2310 MAXIM-MAX2310_07 Datasheet
251Kb / 22P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 2; 6/07
More results


Similar Description - MAX2310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Maxim Integrated Produc...
MAX2306 MAXIM-MAX2306 Datasheet
295Kb / 20P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
logo
Analog Devices
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
Integrated Synthesizer and VCO
4/06-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX2310 MAXIM-MAX2310_07 Datasheet
251Kb / 22P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 2; 6/07
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
Integrated Synthesizer and VCO
01/05 - Rev. 0 to Rev. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
Integrated Synthesizer and VCO
REV. C
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
Integrated Synthesizer and VCO
REV. C
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com