Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2370 Datasheet (PDF) - Analog Devices

ADP2370 Datasheet PDF - Analog Devices
Part # ADP2370
Download  ADP2370 Download
File Size   2233.94 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, 1.2 MHz/600 kHz, 800 mA

ADP2370 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2370 Datasheet PDF - Analog Devices

Part # ADP2370
Download  ADP2370 Click to download

File Size   2233.94 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, 1.2 MHz/600 kHz, 800 mA

ADP2370 Datasheet (HTML) - Analog Devices


ADP2370 Product details

GENERAL DESCRIPTION
The ADP2370/ADP2371 are high efficiency, low quiescent current, 800 mA buck (step-down) dc-to-dc converters in small 8-lead, 3 mm × 3 mm LFCSP (QFN) packages. The total solution requires only three tiny external components.

FEATURES
    Input voltage range: 3.2 V to 15 V, output current: 800 mA
    Quiescent current < 14 μA in power saving mode (PSM)
    >90% efficiency
    Force PWM pin (SYNC), 600 kHz/1.2 MHz frequency pin (FSEL)
    Fixed outputs: 0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.0 V, 3.3 V, 5 V, and adjustable option
    100% duty cycle capability
    Initial accuracy: ±1%
    Low shutdown current: <1.2 μA
    Quick output discharge (QOD) option
    Synchronizable to an external clock
    8-lead, 0.75 mm × 3 mm × 3 mm LFCSP (QFN) package
    Supported by ADIsimPower design tool

APPLICATIONS
    Portable and battery-powered equipment
    Automatic meter readers (WSN)
    Point of sales and transaction processing instruments
    Medical instruments
    Medium format display tablets and pads




Similar Part No. - ADP2370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2300 AD-ADP2300 Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
ADP2300 AD-ADP2300 Datasheet
563Kb / 10P
Fully Automatic High Performance Conductivity Measurement System
Rev. C
ADP2300-EVALZ AD-ADP2300-EVALZ Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R2 AD-ADP2300AUJZ-R2 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
More results


Similar Description - ADP2370

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM52-0001 MACOM-AM52-0001 Datasheet
79Kb / 6P
1.2 W High Efficiency Power Amplifier 800 - 960 MHz
logo
Sipex Corporation
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
High Voltage, 600 KHz Synchronous PWM Controller
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523 Datasheet
302Kb / 14P
3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
NCP1523 ONSEMI-NCP1523_07 Datasheet
261Kb / 16P
3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
logo
Analog Devices
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
logo
Texas Instruments
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com