Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM52-0001 Datasheet (PDF) - Tyco Electronics

AM52-0001 Datasheet PDF - Tyco Electronics
Part # AM52-0001
Download  AM52-0001 Download
File Size   79.61 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.2 W High Efficiency Power Amplifier 800 - 960 MHz

AM52-0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM52-0001 Datasheet PDF - Tyco Electronics

Part # AM52-0001
Download  AM52-0001 Click to download

File Size   79.61 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.2 W High Efficiency Power Amplifier 800 - 960 MHz

AM52-0001 Datasheet (HTML) - Tyco Electronics


AM52-0001 Product details

Description
M/A-COM’s AM52-0001 is a GaAs power amplifier in a thermally efficient low cost SOIC-8 plastic package. The AM52-0001 is designed for high efficiency 1.2 W output power and 21 dB of associated gain in the 800-960 MHz frequency band. The AM52-0001 is unconditionally stable in both small and large signal operation. It features flexible biasing for improved dynamic range and off-chip matching for improved efficiency and flexibility.

Features
• SOIC-8 Thermally Efficient Plastic Package
• +30.8 dBm Typical Power Out
• Greater than 50% Typical Power Added Efficiency
• 21 dB typical Power Gain
• Flexible External Output Matching




Similar Part No. - AM52-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
AM52-0023SMB MACOM-AM52-0023SMB Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
AM52-0023TR MACOM-AM52-0023TR Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
AM52-0023TR-3000 MACOM-AM52-0023TR-3000 Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
AM52-0024 MACOM-AM52-0024 Datasheet
352Kb / 6P
0.5 W, 2.4 GHz Power Amplifier
More results


Similar Description - AM52-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1162 MACOM-PA1162 Datasheet
62Kb / 1P
800-960 MHz(4 Watt Ultra Linear Power Amplifier)
PA1186 MACOM-PA1186 Datasheet
74Kb / 2P
800-960 MHz. 6 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
800-960 MHz 5 Watt Linear Power Amplifier
logo
M/A-COM Technology Solu...
PA1162 MA-COM-PA1162 Datasheet
117Kb / 2P
RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz
MAAP-008924 MA-COM-MAAP-008924 Datasheet
177Kb / 4P
Amplifier, Power, 1.2 W
MAAP-008924 MA-COM-MAAP-008924_15 Datasheet
677Kb / 5P
Amplifier, Power, 1.2 W
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY65127 SKYWORKS-SKY65127 Datasheet
1Mb / 11P
700–800 MHz High Linearity 2 W Power Amplifier
February 03, 2009
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com