Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF10-G Datasheet (PDF) - Comchip Technology

DF10-G Datasheet PDF - Comchip Technology
Part # DF10-G
Download  DF10-G Download
File Size   73.66 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Glass Passivated Bridge Rectifiers

DF10-G Datasheet (PDF)

Go To PDF Page Download Datasheet
DF10-G Datasheet PDF - Comchip Technology

Part # DF10-G
Download  DF10-G Click to download

File Size   73.66 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Glass Passivated Bridge Rectifiers

DF10-G Datasheet (HTML) - Comchip Technology


DF10-G Product details

Reverse Voltage: 50 to 1000V Forward Current: 1.0A



Features

- Rating to 1000V PRV

- Ideal for printed circuit board

- Low forward voltage drop,high current capability

- Reliable low cost construction utilizing molded plastic technique results in inexpensive product

- The plastic material has UL flammability classification 94V-0



 




Similar Part No. - DF10-G

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF10-31S-2DSA62 HIROSE-DF10-31S-2DSA62 Datasheet
120Kb / 2P
KINK SHOULD BE GIVEN ON 2 BOTH EDGE SIDE PINS ALTERNATELY
More results


Similar Description - DF10-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABS05-G COMCHIP-ABS05-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
ABS05-HF COMCHIP-ABS05-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DB101S-G COMCHIP-DB101S-G Datasheet
100Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF15005S-G COMCHIP-DF15005S-G_12 Datasheet
105Kb / 4P
SMD Glass Passivated Bridge Rectifiers
MP10005G-G COMCHIP-MP10005G-G Datasheet
84Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF201S-G COMCHIP-DF201S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF206S-G COMCHIP-DF206S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com