Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF10-G Datasheet(PDF) 1 Page - Comchip Technology

Part # DF10-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF10-G Datasheet(HTML) 1 Page - Comchip Technology

  DF10-G Datasheet HTML 1Page - Comchip Technology DF10-G Datasheet HTML 2Page - Comchip Technology DF10-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 1
REV: A
QW-BBR75
Comchip Technology CO., LTD.
DF005-G Thru. DF10-G
Parameter
Unit
Dimensions in inches and (millimeter)
Features
-Rating to 1000V PRV
-Ideal for printed circuit board
-Low forward voltage drop,high current capability
-Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Mechanical Data
-Polarit: As marked on Body
-Weight: 0.38 grams
Maximum Reverse Peak Repetitive Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @TA=40°C
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
2
I t Rating for Fusing (t<8.3ms)
Maximum Forward Voltage at 1.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =125°C
Operating Temperature Range
Storage Temperature Range
@
°C
TJ = 25
Typical Junction Capacitance Per Element (Note 1)
Typical Thermal Resistance (Note 2)
Reverse Voltage: 50 to 1000V
Forward Current: 1.0A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DF005-G
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
2
I t
VF
IR
CJ
RθJA
TJ
TSTG
1.0
30
10.4
1.1
10
500
25
40
-55 ~ +150
-55 ~ +150
V
V
V
A
A
2
A s
V
μA
pF
°C
°C
°C/W
DF
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
0.102(2.6)
0.089(2.2)
0.335(8.50)
0.307(7.80)
0.022(0.55)
0.018(0.45)
0.323(8.20)
0.315(8.00)
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2. Unit mounted on P.C.B with 0.50"×0.50” (13×13mm) copper pads.
DF01-G
DF02-G
DF04-G
DF06-G
DF08-G
DF10-G
0.031(0.8)
0.023(0.6)
0.256(6.5)
0.244(6.2)
0.063(1.6)
0.055(1.4)
-The plastic material has UL flammability
classification 94V-0
-Mounting position: Any
0.350(8.90)
0.311(7.90)
0.193(4.9)
0.165(4.2)
0.205(5.20)
0.197(5.00)
Symbol


Similar Part No. - DF10-G

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF10-31S-2DSA62 HIROSE-DF10-31S-2DSA62 Datasheet
120Kb / 2P
KINK SHOULD BE GIVEN ON 2 BOTH EDGE SIDE PINS ALTERNATELY
More results

Similar Description - DF10-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABS05-G COMCHIP-ABS05-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
ABS05-HF COMCHIP-ABS05-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DB101S-G COMCHIP-DB101S-G Datasheet
100Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF15005S-G COMCHIP-DF15005S-G_12 Datasheet
105Kb / 4P
SMD Glass Passivated Bridge Rectifiers
MP10005G-G COMCHIP-MP10005G-G Datasheet
84Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF201S-G COMCHIP-DF201S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF206S-G COMCHIP-DF206S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com