Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9162EP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9162EP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9162EP
Download  DM9162EP Download
File Size   70.81 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver

DM9162EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9162EP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9162EP
Download  DM9162EP Click to download

File Size   70.81 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver

DM9162EP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9162EP Product details

General Description

DAVICOM’s DM9162 is a physical layer, low power, and single-chip 10BASE-T/100BASE-TX

transceiver specifically designed for consumer electronics, industrial, and enterprise applications. Through using a CMOS process, the DM9162 has the advantage of ensuring both high performance and savings in power consumption.

Through utilization of automatic media speed and protocol selection, the auto-negotiation

function is strongly supported in the DM9162. Then due to the built-in wave shaping filter, the

DM9162 has a significant convenience of not requiring an external filter to transport signals to

the media in 10BASE-T or 100BASE-TX during Ethernet operation. 



 Features

● Fully complies with IEEE 802.3 / IEEE 802.3u 10Base-T/ 100Base-TX, ANSI X3T12 TP-PMD 1995 standards

● Support HP MDI/MDI-X auto crossover function (HP Auto-MDIX)

●Support Auto-Negotiation function, compliant with IEEE 802.3u

● Fully integrated Physical layer transceiver On-chip filtering with direct interface to magnetic   transformer

● Selectable repeater or node mode 

● Selectable MII or RMII (Reduced MII) mode for 100Base-TX and 10Base-TX. Selectable MII or GPSI (7-Wired) mode for 10Base-T

● RMII with 50MHz clock output

● Selectable full-duplex or half-duplex operation

● MII management interface with mask-able interrupt output capability

● Provide Loopback mode for easy system diagnostics

● LED status outputs indicate Link/ Activity, Speed10/100 and Full-duplex/Collision.

Support Dual-LED optional control

● Single low power Supply of 3.3V with an advanced CMOS technology

●Lower Power consumption modes:

o Power Reduced mode (cable detection)

o Power Down mode

● Compatible with 3.3V and 5.0V tolerant I/Os

● Pin to pin Compatible with DM9161A/B/C

●DSP architecture PHY Transceiver.

●7x7mm 48-pin LQFP/5x5mm 32-pin QFN - 0.162um process



 




Similar Part No. - DM9162EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161 Datasheet
666Kb / 50P
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
logo
Pulse A Technitrol Comp...
DM9161 PULSE-DM9161 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9161A ETC1-DM9161A Datasheet
1Mb / 45P
10/100 MBPS FAST ETHEMET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Similar Description - DM9162EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161B DAVICOM-DM9161B Datasheet
476Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com