Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44280AXT+ Datasheet (PDF) - Maxim Integrated Products

MAX44280AXT+ Datasheet PDF - Maxim Integrated Products
Part # MAX44280AXT+
Download  MAX44280AXT+ Download
File Size   2811.98 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp

MAX44280AXT+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44280AXT+ Datasheet PDF - Maxim Integrated Products

Part # MAX44280AXT+
Download  MAX44280AXT+ Click to download

File Size   2811.98 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp

MAX44280AXT+ Datasheet (HTML) - Maxim Integrated Products


MAX44280AXT+ Product details

General Description

The MAX44280 offers a unique combination of high speed, precision, low noise, and low-voltage operation making it ideally suited for a large number of signal processing functions such as filtering and amplification of signals in portable and industrial equipment. The amplifier features an input offset of less than 50FV and a high-gain bandwidth product of 50MHz while maintaining a low 1.8V supply rail. The device is internally compensated for gains of 5V/V or greater. The device’s rail-to-rail input/outputs and low noise guarantee maximum dynamic range in demanding applications such

as 12- to 16-bit SAR ADC drivers. Unlike traditional rail-to-rail input structures, input crossover distortion is absent due to an optimized input stage with an ultra-quiet

charge pump. The MAX44280 includes a fast-power-on shutdown mode

for further power savings. The MAX44280 operates from a supply range of 1.8V to

5.5V over the -40NC to +125NC temperature range and can operate down to 1.7V over the 0NC to +70NC temperature range. The MAX44280 is available in a small,6-pin SC70 package and is also available in a 1mm x 1.5mm thin µDFN (ultra-thin LGA) package.



Features

♦ Low 1.8V Supply Rail Over the -40°C to +125°C Range

♦ 1.7V Supply Rail Over the 0°C to +70°C Range

♦ 50MHz Bandwidth

♦ Low 12.7nV/√HzInput Voltage-Noise Density

♦ Low 1.2fA/√HzInput Current-Noise Density

♦ Low 50µV (max) VOSat +25°C

♦ 500fA Low Input Bias Current

♦ 750µA Quiescent Current per Amplifier

♦ < 1µA Supply Current in Shutdown

♦ Small, 2mm x 2mm SC70 and 1mm x 1.5mm Thin µDFN Packages

♦ Low -110dB Total Harmonic Distortion

♦ 5V/V Minimum Stable Gain




Similar Part No. - MAX44280AXT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4428 MAXIM-MAX4428 Datasheet
204Kb / 6P
Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4428 MAXIM-MAX4428 Datasheet
1Mb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX44281 MAXIM-MAX44281 Datasheet
2Mb / 10P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
Rev 0; 12/12
MAX44281OANS+T MAXIM-MAX44281OANS+T Datasheet
2Mb / 10P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
Rev 0; 12/12
MAX44281OANS+T MAXIM-MAX44281OANS+T Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
More results


Similar Description - MAX44280AXT+

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
Rail-to-Rail I/O OP Amp
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
logo
Maxim Integrated Produc...
MAX44260 MAXIM-MAX44260 Datasheet
2Mb / 14P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current
Rev 0; 6/11
MAX44260_1108 MAXIM-MAX44260_1108 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260 MAXIM-MAX44260_12 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12
MAX44260_V4 MAXIM-MAX44260_V4 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 4; 7/12
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Linear Technology
LTC6244 LINER-LTC6244_15 Datasheet
364Kb / 26P
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259_V01 Datasheet
1,007Kb / 14P
1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com