Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN4000Z Datasheet (PDF) - Diodes Incorporated

ZXTN4000Z Datasheet PDF - Diodes Incorporated
Part # ZXTN4000Z
Download  ZXTN4000Z Download
File Size   125.1 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN LED DRIVING TRANSISTOR IN SOT89

ZXTN4000Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN4000Z Datasheet PDF - Diodes Incorporated

Part # ZXTN4000Z
Download  ZXTN4000Z Click to download

File Size   125.1 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN LED DRIVING TRANSISTOR IN SOT89

ZXTN4000Z Datasheet (HTML) - Diodes Incorporated


ZXTN4000Z Product details

Features
• BVCEO > 60V
• Max continuous current IC = 1A
• hFE > 100 @ IC = 150mA, VCE = 150mV
• Lead Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free "Green" Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• LED TV backlight




Similar Part No. - ZXTN4000Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN4000Z(1) DIODES-ZXTN4000Z(1)_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000Z DIODES-ZXTN4000Z_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
More results


Similar Description - ZXTN4000Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN10150DZ DIODES-ZXTN10150DZ Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4002Z DIODES-ZXTN4002Z Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4004Z DIODES-ZXTN4004Z Datasheet
226Kb / 5P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4006Z DIODES-ZXTN4006Z Datasheet
125Kb / 5P
200V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000Z(1) DIODES-ZXTN4000Z(1)_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000Z DIODES-ZXTN4000Z_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4004Z DIODES-ZXTN4004Z_15 Datasheet
416Kb / 6P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 2
ZXTN4006Z DIODES-ZXTN4006Z_15 Datasheet
125Kb / 5P
200V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN10150DZ DIODES-ZXTN10150DZ_15 Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4001Z DIODES-ZXTP4001Z Datasheet
203Kb / 5P
60V PNP LED DRIVING TRANSISTOR IN SOT89
February 2012
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com