Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP4001Z Datasheet (PDF) - Diodes Incorporated

ZXTP4001Z Datasheet PDF - Diodes Incorporated
Part # ZXTP4001Z
Download  ZXTP4001Z Download
File Size   203.82 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP LED DRIVING TRANSISTOR IN SOT89

ZXTP4001Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP4001Z Datasheet PDF - Diodes Incorporated

Part # ZXTP4001Z
Download  ZXTP4001Z Click to download

File Size   203.82 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP LED DRIVING TRANSISTOR IN SOT89

ZXTP4001Z Datasheet (HTML) - Diodes Incorporated


ZXTP4001Z Product details

Features
BVCEO > - 60V
Max continuous current IC (cont) = -1A
hFE > 100 @ IC = -150mA, VCE = -150mV
Totally Lead-Free & Fully RoHS compliant (Note 1)
Halogen and Antimony Free. “Green” Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability

Applications
LED TV backlight




Similar Part No. - ZXTP4001Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP4003G DIODES-ZXTP4003G Datasheet
108Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT223
Rev 1
ZXTP4003GTA DIODES-ZXTP4003GTA Datasheet
108Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT223
Rev 1
ZXTP4003G DIODES-ZXTP4003G_15 Datasheet
108Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT223
Rev 1
ZXTP4003Z DIODES-ZXTP4003Z Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4003ZTA DIODES-ZXTP4003ZTA Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
More results


Similar Description - ZXTP4001Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN10150DZ DIODES-ZXTN10150DZ Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP19060CZ DIODES-ZXTP19060CZ Datasheet
437Kb / 8P
60V PNP medium transistor in SOT89
FEBRUARY 2008
ZXTN4000Z DIODES-ZXTN4000Z Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4004Z DIODES-ZXTN4004Z Datasheet
226Kb / 5P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4003Z DIODES-ZXTP4003Z Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000Z(1) DIODES-ZXTN4000Z(1)_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000Z DIODES-ZXTN4000Z_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4004Z DIODES-ZXTN4004Z_15 Datasheet
416Kb / 6P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 2
ZXTN10150DZ DIODES-ZXTN10150DZ_15 Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4003Z DIODES-ZXTP4003Z_15 Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com