Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP4003G Datasheet (PDF) - Diodes Incorporated

ZXTP4003G Datasheet PDF - Diodes Incorporated
Part # ZXTP4003G
Download  ZXTP4003G Download
File Size   108.29 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LED DRIVING TRANSISTOR IN SOT223

ZXTP4003G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP4003G Datasheet PDF - Diodes Incorporated

Part # ZXTP4003G
Download  ZXTP4003G Click to download

File Size   108.29 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LED DRIVING TRANSISTOR IN SOT223

ZXTP4003G Datasheet (HTML) - Diodes Incorporated


ZXTP4003G Product details

Features
• BVCEO > -100V
• Maximum continuous current IC = -1A
• hFE > 100 @ IC = -150mA, VCE = -0.2V
• Lead Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free "Green" Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• LED TV backlight




Similar Part No. - ZXTP4003G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP4003G DIODES-ZXTP4003G_15 Datasheet
108Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT223
Rev 1
More results


Similar Description - ZXTP4003G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP19100CG DIODES-ZXTP19100CG Datasheet
362Kb / 8P
100V PNP medium transistor in SOT223
FEBRUARY 2008
ZXTP4003Z DIODES-ZXTP4003Z Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT953 DIODES-FZT953_15 Datasheet
315Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT753 DIODES-FZT753_15 Datasheet
853Kb / 7P
100V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
ZX5T953G DIODES-ZX5T953G_15 Datasheet
216Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
ZXTN4002Z(1) DIODES-ZXTN4002Z(1)_15 Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4002Z DIODES-ZXTN4002Z_15 Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4003G DIODES-ZXTP4003G_15 Datasheet
108Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT223
Rev 1
ZXTP4003Z DIODES-ZXTP4003Z_15 Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com