Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP4003Z Datasheet (PDF) - Diodes Incorporated

ZXTP4003Z Datasheet PDF - Diodes Incorporated
Part # ZXTP4003Z
Download  ZXTP4003Z Download
File Size   223.03 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LED DRIVING TRANSISTOR IN SOT89

ZXTP4003Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP4003Z Datasheet PDF - Diodes Incorporated

Part # ZXTP4003Z
Download  ZXTP4003Z Click to download

File Size   223.03 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LED DRIVING TRANSISTOR IN SOT89

ZXTP4003Z Datasheet (HTML) - Diodes Incorporated


ZXTP4003Z Product details

Features
• BVCEO > -100V
• Maximum continuous current IC = -1A
• hFE > 100 @ IC = -150mA, VCE = -0.2V
• Lead Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free "Green" Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• LED TV backlight




Similar Part No. - ZXTP4003Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP4003Z DIODES-ZXTP4003Z_15 Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
More results


Similar Description - ZXTP4003Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN10150DZ DIODES-ZXTN10150DZ Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4002Z DIODES-ZXTN4002Z Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4004Z DIODES-ZXTN4004Z Datasheet
226Kb / 5P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4003G DIODES-ZXTP4003G Datasheet
108Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT223
Rev 1
ZXTN4000Z(1) DIODES-ZXTN4000Z(1)_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4002Z(1) DIODES-ZXTN4002Z(1)_15 Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4002Z DIODES-ZXTN4002Z_15 Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4003G DIODES-ZXTP4003G_15 Datasheet
108Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT223
Rev 1
ZXTP4003Z DIODES-ZXTP4003Z_15 Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4001Z DIODES-ZXTP4001Z Datasheet
203Kb / 5P
60V PNP LED DRIVING TRANSISTOR IN SOT89
February 2012
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com