Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP4003Z Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP4003Z
Description  100V PNP LED DRIVING TRANSISTOR IN SOT89
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP4003Z Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP4003Z Datasheet HTML 1Page - Diodes Incorporated ZXTP4003Z Datasheet HTML 2Page - Diodes Incorporated ZXTP4003Z Datasheet HTML 3Page - Diodes Incorporated ZXTP4003Z Datasheet HTML 4Page - Diodes Incorporated ZXTP4003Z Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZXTP4003Z
Datasheet Number: DS35460 Rev. 1 - 2
2 of 5
www.diodes.com
December 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP4003Z
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-1
A
Peak Pulse Current (Note 4)
ICM
-3
A
Base Current
IB
-500
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
83
°C/W
Thermal Resistance, Junction to Leads (Note 6)
RθJL
17.46
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤ 2%.
5. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions
6. Thermal resistance from junction to solder-point (on the exposed collector pad).
Thermal Characteristics and Derating Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com