Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP4003Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP4003Z
Description  100V PNP LED DRIVING TRANSISTOR IN SOT89
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP4003Z Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP4003Z Datasheet HTML 1Page - Diodes Incorporated ZXTP4003Z Datasheet HTML 2Page - Diodes Incorporated ZXTP4003Z Datasheet HTML 3Page - Diodes Incorporated ZXTP4003Z Datasheet HTML 4Page - Diodes Incorporated ZXTP4003Z Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZXTP4003Z
Datasheet Number: DS35460 Rev. 1 - 2
1 of 5
www.diodes.com
December 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP4003Z
100V PNP LED DRIVING TRANSISTOR IN SOT89
Features
•
BVCEO > -100V
•
Maximum continuous current IC = -1A
•
hFE > 100 @ IC = -150mA, VCE = -0.2V
•
Lead Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Applications
•
LED TV backlight
Mechanical Data
•
Case: SOT89
•
Case material: molded Plastic. “Green” molding Compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.052 grams (Approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTP4003ZTA
1R7
7
12
1000 units
Notes:
1. No purposefully added lead.
2. “Green” devices, Halogen and Antimony Free, Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For Packaging Details, go to our website at http://www.diodes.com.
Marking Information
1R7 = Product type Marking Code
Top View
Device Symbol
Top View
Pin-Out
SOT89
C
E
C
B
C
E
B
1R7


Similar Part No. - ZXTP4003Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP4003Z DIODES-ZXTP4003Z_15 Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
More results

Similar Description - ZXTP4003Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN10150DZ DIODES-ZXTN10150DZ Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4002Z DIODES-ZXTN4002Z Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4004Z DIODES-ZXTN4004Z Datasheet
226Kb / 5P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4003G DIODES-ZXTP4003G Datasheet
108Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT223
Rev 1
ZXTN4000Z(1) DIODES-ZXTN4000Z(1)_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4002Z(1) DIODES-ZXTN4002Z(1)_15 Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4002Z DIODES-ZXTN4002Z_15 Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4003G DIODES-ZXTP4003G_15 Datasheet
108Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT223
Rev 1
ZXTP4003Z DIODES-ZXTP4003Z_15 Datasheet
223Kb / 5P
100V PNP LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTP4001Z DIODES-ZXTP4001Z Datasheet
203Kb / 5P
60V PNP LED DRIVING TRANSISTOR IN SOT89
February 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com