Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH520 Datasheet (PDF) - Siemens Semiconductor Group

SFH520 Datasheet PDF - Siemens Semiconductor Group
Part # SFH520
Download  SFH520 Download
File Size   102.87 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 慣-棺-款-Strahlungsdetektoren 慣-棺-款-Radiation Detectors

SFH520 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH520 Datasheet PDF - Siemens Semiconductor Group

Part # SFH520
Download  SFH520 Click to download

File Size   102.87 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 慣-棺-款-Strahlungsdetektoren 慣-棺-款-Radiation Detectors

SFH520 Datasheet (HTML) - Siemens Semiconductor Group


SFH520 Product details

Features

Substrate:                  4600±1400 Ωcm

Chip thickness:           381±15µm

Topside:                   Aluminium contact 1.4µm

                              Aluminium total cover 0.1µm

Backside: 0.4µm Au/As

●Low dark current

●Low capacitance

●High breakdown voltage permits operation at full depletion




Similar Part No. - SFH520

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH521 SIEMENS-SFH521 Datasheet
100Kb / 2P
慣-棺-款-Strahlungsdetektoren 慣-棺-款-Radiation Detectors
SFH521A SIEMENS-SFH521A Datasheet
100Kb / 2P
慣-棺-款-Strahlungsdetektoren 慣-棺-款-Radiation Detectors
SFH522 SIEMENS-SFH522 Datasheet
91Kb / 2P
慣-棺-款-Strahlungsdetektor 慣-棺-款-Radiation Detector
SFH523 SIEMENS-SFH523 Datasheet
97Kb / 2P
慣-棺-款-Strahlungsdetektor 慣-棺-款-Radiation Detector
More results


Similar Description - SFH520

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH521 SIEMENS-SFH521 Datasheet
100Kb / 2P
慣-棺-款-Strahlungsdetektoren 慣-棺-款-Radiation Detectors
SFH522 SIEMENS-SFH522 Datasheet
91Kb / 2P
慣-棺-款-Strahlungsdetektor 慣-棺-款-Radiation Detector
SFH523 SIEMENS-SFH523 Datasheet
97Kb / 2P
慣-棺-款-Strahlungsdetektor 慣-棺-款-Radiation Detector
logo
Microsemi Corporation
UM9441 MICROSEMI-UM9441 Datasheet
99Kb / 2P
PIN RADIATION DETECTORS
logo
Toshiba Semiconductor
TA1204AF TOSHIBA-TA1204AF Datasheet
575Kb / 25P
款 CORRECTION IC FOR LCD TV
logo
Microsemi Corporation
UM9441 MICROSEMI-UM9441_06 Datasheet
196Kb / 4P
PIN RADIATION DETECTORS
logo
American Accurate Compo...
KHLC-07D AAC-KHLC-07D Datasheet
95Kb / 1P
RF Filter 慣 to 8.0 GHz SMT package
logo
Alpha & Omega Semicondu...
AOK53S60 AOSMD-AOK53S60 Datasheet
219Kb / 6P
600V 53A α MOS TM Power Transistor
Rev0: Sep 2012
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
List of Unclassifed Man...
A5101 ETC2-A5101 Datasheet
671Kb / 1P
IMMOBILIZED 棺 -GALACTOSIDASE F7M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com