Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KHLC-07D Datasheet (PDF) - American Accurate Components, Inc.

KHLC-07D Datasheet PDF - American Accurate Components, Inc.
Part # KHLC-07D
Download  KHLC-07D Download
File Size   95.39 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 慣 to 8.0 GHz SMT package

KHLC-07D Datasheet (PDF)

Go To PDF Page Download Datasheet
KHLC-07D Datasheet PDF - American Accurate Components, Inc.

Part # KHLC-07D
Download  KHLC-07D Click to download

File Size   95.39 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 慣 to 8.0 GHz SMT package

KHLC-07D Datasheet (HTML) - American Accurate Components, Inc.


KHLC-07D Product details

Feature
    SMT Package in Thin Thickness
    Super broadband width: α to 8.0 GHz min.
        * The lower frequency α is determined
            by external capacitor.
   
Applications
1. Medical electronic instruments and equipments,
    power supplies circuit
2. FA electronic control equipments, power supplies circuit
3. Robot electronic control equipments, power supplies circuit
4. Rapid transmission telecom equipments,
    semiconductor power supplies circuit
   




Similar Part No. - KHLC-07D

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-04D AAC-KHLC-04D Datasheet
112Kb / 1P
RF Filter 100 KHz to 5.8 GHz SMT package
KHLC-04S AAC-KHLC-04S Datasheet
110Kb / 1P
RF Filter 100 KHZ to 5.0 GHz Single in line package
KHLC-06D AAC-KHLC-06D Datasheet
113Kb / 1P
RF Filter 100 MHz to 8.0 GHz SMT Package
KHLC-06S AAC-KHLC-06S Datasheet
111Kb / 1P
RF Filter 100 KHz to 5.2 GHz Single in line package
More results


Similar Description - KHLC-07D

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-04D AAC-KHLC-04D Datasheet
112Kb / 1P
RF Filter 100 KHz to 5.8 GHz SMT package
KHLC-06D AAC-KHLC-06D Datasheet
113Kb / 1P
RF Filter 100 MHz to 8.0 GHz SMT Package
KHLC-06S AAC-KHLC-06S Datasheet
111Kb / 1P
RF Filter 100 KHz to 5.2 GHz Single in line package
KHLC-04S AAC-KHLC-04S Datasheet
110Kb / 1P
RF Filter 100 KHZ to 5.0 GHz Single in line package
logo
API Technologies Corp
MR160M APITECH-MR160M Datasheet
107Kb / 1P
RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
MR160L APITECH-MR160L Datasheet
177Kb / 2P
RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
MR160H APITECH-MR160H Datasheet
108Kb / 1P
RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
logo
Teledyne Technologies I...
ACP14029 TELEDYNE-ACP14029 Datasheet
103Kb / 1P
8.0 TO 14.0 GHz COUGARPAK AMPLIFIER
ACP18015 TELEDYNE-ACP18015 Datasheet
147Kb / 2P
8.0 TO 18.0 GHz COUGARPAK AMPLIFIER
ACP18012 TELEDYNE-ACP18012 Datasheet
147Kb / 2P
8.0 TO 18.0 GHz COUGARPAK AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com