Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KHLC-06D Datasheet (PDF) - American Accurate Components, Inc.

KHLC-06D Datasheet PDF - American Accurate Components, Inc.
Part # KHLC-06D
Download  KHLC-06D Download
File Size   113.24 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 100 MHz to 8.0 GHz SMT Package

KHLC-06D Datasheet (PDF)

Go To PDF Page Download Datasheet
KHLC-06D Datasheet PDF - American Accurate Components, Inc.

Part # KHLC-06D
Download  KHLC-06D Click to download

File Size   113.24 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 100 MHz to 8.0 GHz SMT Package

KHLC-06D Datasheet (HTML) - American Accurate Components, Inc.


KHLC-06D Product details

KHLC-06d is a RF preventive filer with small size in SMT package as similar to KHLC-04d performs in a super broadband width of 100 kHz to 8 GHz (-20 dB).
   
Feature
• SMT Package in Thin Thickness
• Broad Bandwidth: 100 kHz to 8.0 GHz (-20 dB)
• Comply with Large Current (1.75 A)
   




Similar Part No. - KHLC-06D

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-06S AAC-KHLC-06S Datasheet
111Kb / 1P
RF Filter 100 KHz to 5.2 GHz Single in line package
More results


Similar Description - KHLC-06D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
logo
American Accurate Compo...
KHLC-04D AAC-KHLC-04D Datasheet
112Kb / 1P
RF Filter 100 KHz to 5.8 GHz SMT package
KHLC-06S AAC-KHLC-06S Datasheet
111Kb / 1P
RF Filter 100 KHz to 5.2 GHz Single in line package
KHLC-04S AAC-KHLC-04S Datasheet
110Kb / 1P
RF Filter 100 KHZ to 5.0 GHz Single in line package
KHLC-07D AAC-KHLC-07D Datasheet
95Kb / 1P
RF Filter 慣 to 8.0 GHz SMT package
logo
API Technologies Corp
MR160M APITECH-MR160M Datasheet
107Kb / 1P
RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
MR160L APITECH-MR160L Datasheet
177Kb / 2P
RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
MR160H APITECH-MR160H Datasheet
108Kb / 1P
RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
MR208-2 APITECH-MR208-2 Datasheet
126Kb / 1P
RF/LO: 4 to 6 GHz IF: DC to 100 MHz
MR208-1 APITECH-MR208-1 Datasheet
126Kb / 1P
RF/LO: 2 to 4 GHz IF: DC to 100 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com