Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR208-2 Datasheet (PDF) - API Technologies Corp

MR208-2 Datasheet PDF - API Technologies Corp
Part # MR208-2
Download  MR208-2 Download
File Size   126.02 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF/LO: 4 to 6 GHz IF: DC to 100 MHz

MR208-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR208-2 Datasheet PDF - API Technologies Corp

Part # MR208-2
Download  MR208-2 Click to download

File Size   126.02 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF/LO: 4 to 6 GHz IF: DC to 100 MHz

MR208-2 Datasheet (HTML) - API Technologies Corp




Similar Part No. - MR208-2

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR208-1 APITECH-MR208-1 Datasheet
126Kb / 1P
RF/LO: 2 to 4 GHz IF: DC to 100 MHz
MR208-3 APITECH-MR208-3 Datasheet
134Kb / 1P
MR208-3 MIXER (QIFM) RF/LO: 6 to 10 GHz IF: DC to100 MHz
MR208-4 APITECH-MR208-4 Datasheet
132Kb / 1P
MR208-4 MIXER (QIFM) RF/LO: 10 to 14 GHz IF: DC to 100 MHz
MR208-5 APITECH-MR208-5 Datasheet
132Kb / 1P
MR208-5 MIXER (QIFM) RF/LO: 14 to 18 GHz IF: DC to 100 MHz
More results


Similar Description - MR208-2

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR181-1 APITECH-MR181-1 Datasheet
130Kb / 1P
RF/LO: 6 to 18 GHz IF: 20 to 200 MHz
MR181 APITECH-MR181 Datasheet
129Kb / 1P
RF/LO: 6 to 18 GHz IF: 40 to 80 MHz
MR144M APITECH-MR144M Datasheet
114Kb / 1P
RF / LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR144L APITECH-MR144L Datasheet
203Kb / 3P
RF/LO: 4 to 18 GHz IF: DC to 800 MHz
MR141L APITECH-MR141L Datasheet
198Kb / 3P
RF/LO: 4 to 18 GHz IF: to 500 MHz
MR141H APITECH-MR141H Datasheet
109Kb / 1P
RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
MR126L APITECH-MR126L Datasheet
109Kb / 1P
RF/LO: 1 to 18 GHz IF: DC to 500 MHz
MR105H APITECH-MR105H Datasheet
134Kb / 1P
RF/LO: 2 to 18 GHz IF: DC to 800 MHz
MR208-1 APITECH-MR208-1 Datasheet
126Kb / 1P
RF/LO: 2 to 4 GHz IF: DC to 100 MHz
MR208-4 APITECH-MR208-4 Datasheet
132Kb / 1P
MR208-4 MIXER (QIFM) RF/LO: 10 to 14 GHz IF: DC to 100 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com