Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR208-4 Datasheet (PDF) - API Technologies Corp

MR208-4 Datasheet PDF - API Technologies Corp
Part # MR208-4
Download  MR208-4 Download
File Size   132.82 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description MR208-4 MIXER (QIFM) RF/LO: 10 to 14 GHz IF: DC to 100 MHz

MR208-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR208-4 Datasheet PDF - API Technologies Corp

Part # MR208-4
Download  MR208-4 Click to download

File Size   132.82 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description MR208-4 MIXER (QIFM) RF/LO: 10 to 14 GHz IF: DC to 100 MHz

MR208-4 Datasheet (HTML) - API Technologies Corp




Similar Part No. - MR208-4

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR208-1 APITECH-MR208-1 Datasheet
126Kb / 1P
RF/LO: 2 to 4 GHz IF: DC to 100 MHz
MR208-2 APITECH-MR208-2 Datasheet
126Kb / 1P
RF/LO: 4 to 6 GHz IF: DC to 100 MHz
MR208-3 APITECH-MR208-3 Datasheet
134Kb / 1P
MR208-3 MIXER (QIFM) RF/LO: 6 to 10 GHz IF: DC to100 MHz
MR208-5 APITECH-MR208-5 Datasheet
132Kb / 1P
MR208-5 MIXER (QIFM) RF/LO: 14 to 18 GHz IF: DC to 100 MHz
More results


Similar Description - MR208-4

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR144L APITECH-MR144L Datasheet
203Kb / 3P
RF/LO: 4 to 18 GHz IF: DC to 800 MHz
MR143M APITECH-MR143M Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143L APITECH-MR143L Datasheet
186Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR142L APITECH-MR142L Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR141L APITECH-MR141L Datasheet
198Kb / 3P
RF/LO: 4 to 18 GHz IF: to 500 MHz
MR140L APITECH-MR140L Datasheet
179Kb / 3P
RF/LO: 4 to 18 GHz IF:1 to 10 GHz
MR208-2 APITECH-MR208-2 Datasheet
126Kb / 1P
RF/LO: 4 to 6 GHz IF: DC to 100 MHz
MR208-1 APITECH-MR208-1 Datasheet
126Kb / 1P
RF/LO: 2 to 4 GHz IF: DC to 100 MHz
MR208-5 APITECH-MR208-5 Datasheet
132Kb / 1P
MR208-5 MIXER (QIFM) RF/LO: 14 to 18 GHz IF: DC to 100 MHz
MR208-3 APITECH-MR208-3 Datasheet
134Kb / 1P
MR208-3 MIXER (QIFM) RF/LO: 6 to 10 GHz IF: DC to100 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com