Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KHLC-06S Datasheet (PDF) - American Accurate Components, Inc.

KHLC-06S Datasheet PDF - American Accurate Components, Inc.
Part # KHLC-06S
Download  KHLC-06S Download
File Size   111.64 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 100 KHz to 5.2 GHz Single in line package

KHLC-06S Datasheet (PDF)

Go To PDF Page Download Datasheet
KHLC-06S Datasheet PDF - American Accurate Components, Inc.

Part # KHLC-06S
Download  KHLC-06S Click to download

File Size   111.64 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 100 KHz to 5.2 GHz Single in line package

KHLC-06S Datasheet (HTML) - American Accurate Components, Inc.


KHLC-06S Product details

Nowadays, the digital clock signal which is used as high frequency applications makes the harmonic wave delivered to the DC power supplies extend the frequency range in GHz with one digit to two digits. Under this circumstance in performing a digital signal in high speed transmission, only the conventional method like using a bypass capacitor can not remove high harmonic wave which is transmitted to the power supplies. KHLC-06s which is designed in the power supply line of the electrical circuit can deletes harmonic wave signal which is not necessary to be transmitted in very broad bandwidth of 0.10 MHz to 5200 MHz (-20 dB) and performs in extent to 4700 MHz from -30 dB attenuation band area.
KHLC-06s is in single in line package which can be mounted near the electric power supply terminals and is made ideal mounting position electrically.
   
Feature
• Single in Line Package
• Broad Bandwidth: 100 kHz to 5.2 GHz (-20 dB)
• Comply with Large Current (1.75 A)
   




Similar Part No. - KHLC-06S

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-06D AAC-KHLC-06D Datasheet
113Kb / 1P
RF Filter 100 MHz to 8.0 GHz SMT Package
More results


Similar Description - KHLC-06S

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
American Accurate Compo...
KHLC-04D AAC-KHLC-04D Datasheet
112Kb / 1P
RF Filter 100 KHz to 5.8 GHz SMT package
KHLC-06D AAC-KHLC-06D Datasheet
113Kb / 1P
RF Filter 100 MHz to 8.0 GHz SMT Package
KHLC-04S AAC-KHLC-04S Datasheet
110Kb / 1P
RF Filter 100 KHZ to 5.0 GHz Single in line package
KHLC-07D AAC-KHLC-07D Datasheet
95Kb / 1P
RF Filter 慣 to 8.0 GHz SMT package
logo
Johanson Technology Inc...
5200HP15A4200 JOHANSON-5200HP15A4200 Datasheet
131Kb / 2P
5.2 GHz High Pass Filter
logo
Shindengen Electric Mfg...
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
Single In-line Package
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
Single In-line Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com