Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KHLC-04S Datasheet (PDF) - American Accurate Components, Inc.

KHLC-04S Datasheet PDF - American Accurate Components, Inc.
Part # KHLC-04S
Download  KHLC-04S Download
File Size   110.58 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 100 KHZ to 5.0 GHz Single in line package

KHLC-04S Datasheet (PDF)

Go To PDF Page Download Datasheet
KHLC-04S Datasheet PDF - American Accurate Components, Inc.

Part # KHLC-04S
Download  KHLC-04S Click to download

File Size   110.58 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 100 KHZ to 5.0 GHz Single in line package

KHLC-04S Datasheet (HTML) - American Accurate Components, Inc.


KHLC-04S Product details

Nowadays, the digital clock signal which is used as high frequency applications makes the harmonic wave delivered to the DC power supplies extend the frequency range in GHz with one digit to two digits. Under this circumstance in performing a digital signal in high speed transmission, only the conventional method like using a bypass capacitor can not remove high harmonic wave which is transmitted to the power supplies. This power filter KHLC-04s deletes harmonic wave signal which is not necessary to be transmitted to the very broad bandwidth of 100 kHz to 5 GHz (-20 dB).
The package is designed in single in line package where IC and other chips can be mounted near the power supply terminals (pins), and this makes it possible for ideal mounting position electrically.
   
Feature
• Single in Line Package
• Broad Bandwidth: 100 kHz to 5.0 GHz (-20 dB)
• Comply with Large Current (1.5 A)
   




Similar Part No. - KHLC-04S

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-04D AAC-KHLC-04D Datasheet
112Kb / 1P
RF Filter 100 KHz to 5.8 GHz SMT package
More results


Similar Description - KHLC-04S

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-04D AAC-KHLC-04D Datasheet
112Kb / 1P
RF Filter 100 KHz to 5.8 GHz SMT package
KHLC-06D AAC-KHLC-06D Datasheet
113Kb / 1P
RF Filter 100 MHz to 8.0 GHz SMT Package
KHLC-06S AAC-KHLC-06S Datasheet
111Kb / 1P
RF Filter 100 KHz to 5.2 GHz Single in line package
KHLC-07D AAC-KHLC-07D Datasheet
95Kb / 1P
RF Filter 慣 to 8.0 GHz SMT package
logo
Shindengen Electric Mfg...
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
Single In-line Package
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
Single In-line Package
D20XB60 SHINDENGEN-D20XB60_17 Datasheet
433Kb / 4P
Single In-line Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com