Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KHLC-04D Datasheet (PDF) - American Accurate Components, Inc.

KHLC-04D Datasheet PDF - American Accurate Components, Inc.
Part # KHLC-04D
Download  KHLC-04D Download
File Size   112.99 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 100 KHz to 5.8 GHz SMT package

KHLC-04D Datasheet (PDF)

Go To PDF Page Download Datasheet
KHLC-04D Datasheet PDF - American Accurate Components, Inc.

Part # KHLC-04D
Download  KHLC-04D Click to download

File Size   112.99 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description RF Filter 100 KHz to 5.8 GHz SMT package

KHLC-04D Datasheet (HTML) - American Accurate Components, Inc.


KHLC-04D Product details

Wide Band RF Eliminate Filter

Getting along with high speed orientation of commercial electronic apparatus, high harmonic wave (noise) delivered to the DC power supply extends the frequency from several GHz to several GHz times by ten. Under such a high frequency orientation at rapid constant progress, the circuit method like using a bypass capacitor cannot remove actually high harmonic wave which is transmitted to the power supplies.

Feature
• SMT Package in Thin Thickness
• Broad Bandwidth: 100 kHz to 5.8 GHz (-20 dB)
• Comply with Large Current (1.5 A)




Similar Part No. - KHLC-04D

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-04S AAC-KHLC-04S Datasheet
110Kb / 1P
RF Filter 100 KHZ to 5.0 GHz Single in line package
More results


Similar Description - KHLC-04D

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-06D AAC-KHLC-06D Datasheet
113Kb / 1P
RF Filter 100 MHz to 8.0 GHz SMT Package
KHLC-06S AAC-KHLC-06S Datasheet
111Kb / 1P
RF Filter 100 KHz to 5.2 GHz Single in line package
KHLC-04S AAC-KHLC-04S Datasheet
110Kb / 1P
RF Filter 100 KHZ to 5.0 GHz Single in line package
KHLC-07D AAC-KHLC-07D Datasheet
95Kb / 1P
RF Filter 慣 to 8.0 GHz SMT package
logo
Johanson Technology Inc...
5800BP18A0100 JOHANSON-5800BP18A0100 Datasheet
92Kb / 2P
5.8 GHz Band Pass Filter
logo
Micronetics, Inc.
ES0417 MICRONETICS-ES0417 Datasheet
43Kb / 1P
High Power Switch 100 kHz to 5 GHz
logo
KR Electronics, Inc.
3072-BNC KR-3072-BNC Datasheet
37Kb / 2P
100 KHz Highpass Filter
logo
Peregrine Semiconductor
PE42562 PSEMI-PE42562 Datasheet
796Kb / 20P
SP6T RF Switch, 9 kHz?? GHz
logo
KR Electronics, Inc.
2928-SMA KR-2928-SMA Datasheet
100Kb / 3P
100 KHz Lowpass Filter
3317-SMA KR-3317-SMA Datasheet
197Kb / 3P
100 KHz Bandpass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com