Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36MB Datasheet (PDF) - Nell Semiconductor Co., Ltd

36MB Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 36MB
Download  36MB Download
File Size   272.87 Kbytes
Page   4 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 35A 36MB08 Thru 36MB16

36MB Datasheet (PDF)

Go To PDF Page Download Datasheet
36MB Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 36MB
Download  36MB Click to download

File Size   272.87 Kbytes
Page   4 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 35A 36MB08 Thru 36MB16

36MB Datasheet (HTML) - Nell Semiconductor Co., Ltd


36MB Product details

FEATURES

UL recognition file number E320098

Universal 3-way terminals: snap-on, wire Typical IR less than 1.0 µA

Compliant to RoHS

wrap-around, or PCB mounting

High surge current capability

Low thermal resistance

Solder dip 260°C, 40s

Glass passivated chips



TYPICAL APPLICATIONS

General purpose use in AC/DC bridge full wave rectification for power supply, home appliances, office equipment, industrial automation applications.



 




Similar Part No. - 36MB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MB IRF-36MB Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
36MB-A IRF-36MB-A Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
logo
Vishay Siliconix
36MB..A VISHAY-36MB..A Datasheet
148Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 AS
15-Jan-2019
36MB..A VISHAY-36MB..A Datasheet
149Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
36MB..A VISHAY-36MB..A Datasheet
143Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
More results


Similar Description - 36MB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ35A WTE-GBJ35A Datasheet
57Kb / 4P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC35 WTE-GBPC35 Datasheet
60Kb / 4P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC35S WTE-GBPC35S Datasheet
73Kb / 4P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505GW TAITRON-MB3505GW Datasheet
145Kb / 4P
35A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC35 NELLSEMI-GBPC35 Datasheet
215Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 35A
GBJ35H NELLSEMI-GBJ35H Datasheet
244Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 35A
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC35 NAINA-GBPC35 Datasheet
210Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com