Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36MB Datasheet (PDF) - International Rectifier

36MB Datasheet PDF - International Rectifier
Part # 36MB
Download  36MB Download
File Size   46.91 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SINGLE PHASE BRIDGE

36MB Datasheet (PDF)

Go To PDF Page Download Datasheet
36MB Datasheet PDF - International Rectifier

Part # 36MB
Download  36MB Click to download

File Size   46.91 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SINGLE PHASE BRIDGE

36MB Datasheet (HTML) - International Rectifier


36MB Product details

Description
A range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applications.

Features
■ Universal, 3 way terminals: push-on, wrap around or solder
■ High thermal conductivity package, electrically insulated case
■ Center hole fixing
■ Excellent power/volume ratio
■ UL E 62320 approved
■ Nickel plated terminals solderable as per MIL-STD-202 Method 208; solder: Sn/Pb (60/40); solder temperature: 235-260°C max. time: 8-10 secs




Similar Part No. - 36MB

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
36MB NELLSEMI-36MB Datasheet
272Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 35A 36MB08 Thru 36MB16
logo
Vishay Siliconix
36MB..A VISHAY-36MB..A Datasheet
148Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 AS
15-Jan-2019
36MB..A VISHAY-36MB..A Datasheet
149Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
36MB..A VISHAY-36MB..A Datasheet
143Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
logo
International Rectifier
36MB05A IRF-36MB05A Datasheet
203Kb / 5P
10 to 35 Amp Rectifier Bridges
More results


Similar Description - 36MB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GBPC IRF-GBPC Datasheet
131Kb / 6P
SINGLE PHASE BRIDGE
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
SINGLE PHASE BRIDGE
36MB160A IRF-36MB160A Datasheet
74Kb / 6P
SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com