Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ15 Datasheet (PDF) - Nell Semiconductor Co., Ltd

KBJ15 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # KBJ15
Download  KBJ15 Download
File Size   238.69 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 15A

KBJ15 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ15 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # KBJ15
Download  KBJ15 Click to download

File Size   238.69 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 15A

KBJ15 Datasheet (HTML) - Nell Semiconductor Co., Ltd


KBJ15 Product details

FEATURES
● UL recognition file number E320098
● Typical IR less than 2.0 µA
● Compliant to RoHS
● High surge current capability
● Low thermal resistance
● Isolation voltage up to 2500V

TYPICAL APPLICATIONS
    General purpose use in AC/DC bridge full wave rectification for big power supply, field supply for DC motor, industrial automation applications.




Similar Part No. - KBJ15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ15 WTE-KBJ15 Datasheet
50Kb / 3P
15A BRIDGE RECTIFIER
logo
Pan Jit International I...
KBJ1500 PANJIT-KBJ1500 Datasheet
103Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
RFE international
KBJ15005 RFE-KBJ15005 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Semiconducto...
KBJ15005 CHENDA-KBJ15005 Datasheet
905Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBJ15005 DGNJDZ-KBJ15005 Datasheet
445Kb / 2P
SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - KBJ15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ15A WTE-GBJ15A Datasheet
62Kb / 4P
15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC15 WTE-GBPC15 Datasheet
62Kb / 4P
15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
MB1505G ETC2-MB1505G Datasheet
145Kb / 4P
15A Single-Phase Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
MB1505GW TAITRON-MB1505GW Datasheet
144Kb / 4P
15A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ15 NELLSEMI-GBJ15 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 15A
GBPC15 NELLSEMI-GBPC15 Datasheet
210Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 15A
GBPC15M NELLSEMI-GBPC15M Datasheet
393Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 15A
GBU15 NELLSEMI-GBU15 Datasheet
161Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 15A
logo
Naina Semiconductor ltd...
GBPC15 NAINA-GBPC15 Datasheet
209Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier, 15A
logo
Zibo Seno Electronic En...
KBPC1500 ZSELEC-KBPC1500 Datasheet
387Kb / 2P
15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com