Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC50 Datasheet (PDF) - Nell Semiconductor Co., Ltd

KBPC50 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # KBPC50
Download  KBPC50 Download
File Size   313.07 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Single-Phase Bridge Rectifier, 50A

KBPC50 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC50 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # KBPC50
Download  KBPC50 Click to download

File Size   313.07 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Single-Phase Bridge Rectifier, 50A

KBPC50 Datasheet (HTML) - Nell Semiconductor Co., Ltd


KBPC50 Product details

FEATURES
● UL recognition file number E320098
● Universal 3-way terminals: snap-on, wire
   wrap-around, or PCB mounting
● High surge current capability
● Low thermal resistance
● Solder dip 260°C, 40s
● Compliant to RoHS




Similar Part No. - KBPC50

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC50 ETC2-KBPC50 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC50 YANGJIE-KBPC50 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC50 CHENG-YI-KBPC50 Datasheet
135Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Diotech Company.
KBPC50 DIOTECH-KBPC50 Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
More results


Similar Description - KBPC50

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
KBPC50-005S TAITRON-KBPC50-005S Datasheet
150Kb / 4P
50A Single-Phase in-line Bridge Rectifier
MB5005 TAITRON-MB5005 Datasheet
144Kb / 4P
50A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 50A
KBJ50 NELLSEMI-KBJ50 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 50A
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 50A
MP50S NELLSEMI-MP50S Datasheet
268Kb / 3P
Single-Phase Bridge Rectifier, 50A
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier, 50A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com