Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC50 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # KBPC50
Description  Single-Phase Bridge Rectifier, 50A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBPC50 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  KBPC50 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBPC50 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBPC50 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Universal 3-way terminals: snap-on, wire
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Case: KBPC, KBPC-W
Epoxy meets UL 94 V-O flammability rating
Terminals: Nickel plated on faston lugs or silver plated on
wire leads,solderable per J-STD-002 and
Polarity: As marked
Weight: 25g (0.88 ozs)
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Single-Phase Bridge Rectifier, 50A
Nell High Power Products
Compliant to RoHS
wrap-around, or PCB mounting
High surge current capability
Low thermal resistance
Solder dip 260°C, 40s
rectification for power supply, home appliances,
office equipment, industrial automation applications.
MECHANICAL DATA
Mounting Torque: 20 inches-lbs. max. (M5 screw)
KBPC50
KBPC5006 Thru KBPC5012
JESD22-B102. Suffix letter “W” added to
1.135 (28.8)
1.115 (28.3)
0.042 (1.07)
0.038 (0.97)
DIA.
0.445 (11.3)
0.421 (10.7)
1.25
(31.8)
MIN.
1.135 (28.8)
1.115 (28.3)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
KBPC-W
1.122 (28.5)
1.10 (28)
0.672 (17.1)
0.632 (16.1)
0.732 (18.6)
0.692 (17.6)
0.094 (2.4)
DIA.
0.25
(6.35)
AC
0.840 (21.3)
0.740 (18.8)
0.582 (14.8)
0.542 (13.8)
0.672 (17.1)
0.632 (16.1)
1.122 (28.5)
1.10 (28)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
0.445 (11.3)
0.421 (10.7)
KBPC
0.034 (0.86)
0.030 (0.76)
~
~
indicate wire leads(e.g. KBPC5006W).
0.732 (18.6)
0.692 (17.6)
0.732 (18.6)
0.692 (17.6)
0.470 (11.9)
0.430 (10.9)
All dimensions in inches (millimeters)
www.nellsemi.com
+
-


Similar Part No. - KBPC50

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC50 ETC2-KBPC50 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC50 YANGJIE-KBPC50 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC50 CHENG-YI-KBPC50 Datasheet
135Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Diotech Company.
KBPC50 DIOTECH-KBPC50 Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
More results

Similar Description - KBPC50

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
KBPC50-005S TAITRON-KBPC50-005S Datasheet
150Kb / 4P
50A Single-Phase in-line Bridge Rectifier
MB5005 TAITRON-MB5005 Datasheet
144Kb / 4P
50A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 50A
KBJ50 NELLSEMI-KBJ50 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 50A
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 50A
MP50S NELLSEMI-MP50S Datasheet
268Kb / 3P
Single-Phase Bridge Rectifier, 50A
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier, 50A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com