Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1154 Datasheet (PDF) - ams AG

AS1154 Datasheet PDF - ams AG
Part # AS1154
Download  AS1154 Download
File Size   353.29 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Dual LVDS Driver

AS1154 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1154 Datasheet PDF - ams AG

Part # AS1154
Download  AS1154 Click to download

File Size   353.29 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Dual LVDS Driver

AS1154 Datasheet (HTML) - ams AG


AS1154 Product details

General Description

The AS1154 is a dual Flow-Through LVDS (Low-Voltage Differential Signaling) Line Driver which accepts and converts LVTTL/LVCMOS input levels into LVDS output signals. The device is perfect for low power low-noise applications requiring high signaling rates and reduced EMI emissions.

The device is guaranteed to transmit data at speeds up to 800Mbps (400MHz) over controlled impedance media of approximately 100Ω. Supported transmission media are PCB traces, backplanes, and cables.



Key Features

„Flow-Through Pinout

„Guaranteed 800Mbps Data Rate

„250ps Pulse Skew (Max)

„Conforms to ANSI TIA/EIA-644 LVDS Standards

„Single +3.3V Supply

„Operating Temperature Range: -40°C to +85°C

„8-Pin SOIC Package



Applications

Digital Copiers, Laser Printers, Cellular Phone Base Stations, Add/Drop Muxes, Digital Cross-Connects, DSLAMs, Network Switches/ Routers, Backplane Interconnect, Clock Distribution Computers, Intelligent Instruments, Controllers, Critical Microprocessors and Microcontrollers, Power Monitoring, and Portable/Battery-Powered

Equipment.




Similar Part No. - AS1154

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1154 AMSCO-AS1154 Datasheet
135Kb / 15P
Single/Dual LVDS Driver
AS1154 AMSCO-AS1154 Datasheet
305Kb / 15P
Single/Dual LVDS Driver
AS1154-BSOT AMSCO-AS1154-BSOT Datasheet
135Kb / 15P
Single/Dual LVDS Driver
AS1154-BSOT AMSCO-AS1154-BSOT Datasheet
305Kb / 15P
Single/Dual LVDS Driver
AS1154-BSOU AMSCO-AS1154-BSOU Datasheet
135Kb / 15P
Single/Dual LVDS Driver
More results


Similar Description - AS1154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV027A NSC-DS90LV027A Datasheet
638Kb / 8P
LVDS Dual High Speed Differential Driver
DS90LV027AH NSC-DS90LV027AH Datasheet
636Kb / 8P
High Temperature LVDS Dual Differential Driver
logo
ams AG
AS1156 AMSCO-AS1156 Datasheet
135Kb / 15P
Single/Dual LVDS Driver
logo
National Semiconductor ...
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
Automotive LVDS Dual Differential Driver
logo
ams AG
AS1154 AMSCO-AS1154_1 Datasheet
305Kb / 15P
Single/Dual LVDS Driver
logo
Texas Instruments
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
LVDS Dual High Speed Differential Driver
DS90LV027AH TI1-DS90LV027AH_13 Datasheet
943Kb / 14P
High Temperature LVDS Dual Differential Driver
DS90LV027AQ TI1-DS90LV027AQ_14 Datasheet
940Kb / 14P
Automotive LVDS Dual Differential Driver
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com