Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLBG94 Datasheet (PDF) - Siemens Semiconductor Group

SPLBG94 Datasheet PDF - Siemens Semiconductor Group
Part # SPLBG94
Download  SPLBG94 Download
File Size   20.56 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Unmounted Laser Bars 20 W cw ... 100 W qcw

SPLBG94 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLBG94 Datasheet PDF - Siemens Semiconductor Group

Part # SPLBG94
Download  SPLBG94 Click to download

File Size   20.56 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Unmounted Laser Bars 20 W cw ... 100 W qcw

SPLBG94 Datasheet (HTML) - Siemens Semiconductor Group


SPLBG94 Product details

Features
• Unmounted monolithic linear array
• High efficiency MOVPE-grown quantum well structure
• Highly reliable strained layer InGa(Al)As/GaAs material
• Standard wavelength selection is ± 3 nm, others on request
• Solderable p- and n-side metalization

Applications
• Pumping of solid state lasers (Nd: YAG, Yb: YAG, ...)
• Direct industrial applications (soldering, surface treatment, marking, ...)
• Heating, illumination
• Medical and printing application




Similar Part No. - SPLBG94

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBG94-20S OSRAM-SPLBG94-20S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 940 nm
More results


Similar Description - SPLBG94

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPLBS81-6 OSRAM-SPLBS81-6 Datasheet
187Kb / 4P
Unmounted Laser Bars, 82.5% Filling Factor, 808 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLMN81S9 OSRAM-SPLMN81S9 Datasheet
206Kb / 7P
Passively Cooled Diode Laser Bar, 150 W qcw at 808 nm
logo
Communications & Power ...
VTM-6196R1 CPI-VTM-6196R1 Datasheet
84Kb / 1P
20 W, CW Helix TWT Series
logo
OSRAM GmbH
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
Unmounted Laser Bars, 50% Fill Factor, 940nm
SPL-CG65 OSRAM-SPL-CG65 Datasheet
184Kb / 7P
Red Laser Diode on Submount 0.5 W cw
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com