Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS431 Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS431 Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS431
Download  AMS431 Download
File Size   599.4 Kbytes
Page   8 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description Low voltage operation (2.5V)

AMS431 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS431 Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS431
Download  AMS431 Click to download

File Size   599.4 Kbytes
Page   8 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description Low voltage operation (2.5V)

AMS431 Datasheet (HTML) - Advanced Monolithic Systems Ltd


AMS431 Product details

GENERAL DESCRIPTION

The AMS431 is a three-terminal adjustable shunt regulator with guaranteed temperature stability over the entire range of operation. The output voltage can be set to any value between 2.5V (VREF) and 36V by adding two external resistors. Due to the sharp turn-on characteristics this device is an excellent replacement for zener diodes in many applications.

AMS431 is available in TO-92, SO-8, SOT-89 and SOT-23 packages.



FEATURES

· Trimmed 0.25% Reference

· Wide Operating Current Range 250mA to 150mA

· Low Dynamic Output Impedance

· Low Output Noise

· Nominal Temperature Range to 85°C

· Temperature-Compensated: 60ppm/°C

· Internal Amplifier with 150mA Capability



APPLICATIONS

· Battery Powered Systems

· Switching Power Supplies

· Adjustable Power Supplies

· Linear Regulators

· Error Amplifiers

· Notebook/Personal Computer

· Monitors/ VCR/ TV

· Pagers



 




Similar Part No. - AMS431

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431 ADMOS-AMS431 Datasheet
72Kb / 7P
PRECISION ADJUSTABLE SHUNT REGULATOR
AMS431A ADMOS-AMS431A Datasheet
72Kb / 7P
PRECISION ADJUSTABLE SHUNT REGULATOR
AMS431AL ADMOS-AMS431AL Datasheet
72Kb / 7P
PRECISION ADJUSTABLE SHUNT REGULATOR
AMS431AM ADMOS-AMS431AM Datasheet
72Kb / 7P
PRECISION ADJUSTABLE SHUNT REGULATOR
AMS431AN ADMOS-AMS431AN Datasheet
72Kb / 7P
PRECISION ADJUSTABLE SHUNT REGULATOR
More results


Similar Description - AMS431

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431LV AMS-AMS431LV Datasheet
600Kb / 8P
Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
Low Voltage Operation
logo
List of Unclassifed Man...
PT3602 ETC2-PT3602 Datasheet
216Kb / 1P
2.5V~18V operation
PT3603 ETC2-PT3603 Datasheet
213Kb / 1P
2.5V~18V operation
PT3621 ETC2-PT3621 Datasheet
232Kb / 1P
2.5V~18V operation
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
Low voltage operation
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
Low voltage operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
Low-voltage Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com