Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS431LV Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS431LV Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS431LV
Download  AMS431LV Download
File Size   600.04 Kbytes
Page   8 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description Low voltage operation (2.5V)

AMS431LV Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS431LV Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS431LV
Download  AMS431LV Click to download

File Size   600.04 Kbytes
Page   8 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description Low voltage operation (2.5V)

AMS431LV Datasheet (HTML) - Advanced Monolithic Systems Ltd


AMS431LV Product details

Description

The AMS431LV is a low voltage three terminal adjustable shunt regulator with a guaranteed thermal stability over applicable temperature ranges. The output voltage can be set to any value between VREF (approximately 2.5 V) to 18V with two external resistors. This device has a typical output impedance of 0.08Ω. Active output circuitry provides a very sharp turn on characteristic, making this device excellent replacement for Zener diodes in many applications.

The AMS431LV is characterized for operation from -40oC to 125oC, and five package options (SOT-23-3, SOT-23-5, SOP-8, TO-92 and SOT-89) allow the designer the opportunity to select the proper package for their applications.



Features

► Low voltage operation (2.5V)

► Adjustable output voltage V0 = VREF to 18V

► Wide operating current range 150μA to 90mA

► Low dynamic output impedance 0.08Ω (Typ.).

► Trimmed bandgap design up to + 0.5%.

► ESD rating is 6KV(Per MIL-STD-883D).

► RoHS Compliant and 100% Lead (Pb)-Free.



Application

► Linear Regulators

► Adjustable Supplies

► Switching Power Supplies

► Battery Operated Computers

► Instrumentation

► Computer Disk Drives



 




Similar Part No. - AMS431LV

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431L ADMOS-AMS431L Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
AMS431L ADMOS-AMS431L Datasheet
63Kb / 7P
1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431L AMS-AMS431L Datasheet
133Kb / 7P
1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431LA ADMOS-AMS431LA Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
AMS431LAL ADMOS-AMS431LAL Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
More results


Similar Description - AMS431LV

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
Low Voltage Operation
logo
List of Unclassifed Man...
PT3602 ETC2-PT3602 Datasheet
216Kb / 1P
2.5V~18V operation
PT3603 ETC2-PT3603 Datasheet
213Kb / 1P
2.5V~18V operation
PT3621 ETC2-PT3621 Datasheet
232Kb / 1P
2.5V~18V operation
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
Low voltage operation
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
Low voltage operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
Low-voltage Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com