Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS494 Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS494 Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS494
Download  AMS494 Download
File Size   190.89 Kbytes
Page   7 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description Internal regulator provides a stable 5V reference supply

AMS494 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS494 Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS494
Download  AMS494 Click to download

File Size   190.89 Kbytes
Page   7 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description Internal regulator provides a stable 5V reference supply

AMS494 Datasheet (HTML) - Advanced Monolithic Systems Ltd


AMS494 Product details

Description

The AMS494 is used for the control circuit of the PWM switching regulator. The AMS494 consists of 5V reference voltage circuit, two error amplifiers, flip flop, an output control circuit, a PWM comparator, a dead time comparator and an oscillator. This device can be operated in the switching frequency of 1 KHz to 300 KHz.



Features

• Internal regulator provides a stable 5V reference supply trimmed to 5%

• Uncommitted output TR for 200mA sink or source current

• Output control for push-pull or single-ended operation

• Variable duty cycle by dead time control (pin 4) Complete PWM control circuit

• On-chip oscillator with master or slave operation

• Internal circuit prohibits double pulse at either output



 




Similar Part No. - AMS494

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AL ADMOS-AMS4040AL Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AM ADMOS-AMS4040AM Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AN ADMOS-AMS4040AN Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AS ADMOS-AMS4040AS Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Similar Description - AMS494

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
logo
Panasonic Semiconductor
MN103S83D PANASONIC-MN103S83D Datasheet
123Kb / 3P
5V single power supply (regulator)
logo
Advanced Monolithic Sys...
AMS7500 AMS-AMS7500 Datasheet
198Kb / 7P
Internal regulator provides a stable 5V reference supply trimmed to 5%
logo
Maxim Integrated Produc...
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
IK Semicon Co., Ltd
ILA1062 IKSEMICON-ILA1062 Datasheet
239Kb / 11P
Provides a supply for external circuits
logo
Texas Instruments
DAC7562 TI1-DAC7562_15 Datasheet
1Mb / 60P
Internal Reference
DAC7562T TI1-DAC7562T Datasheet
1Mb / 60P
Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
Internal Bandgap Reference
08/20/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com