Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS34063 Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS34063 Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS34063
Download  AMS34063 Download
File Size   577.88 Kbytes
Page   10 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 3V to 40V Input Voltage Operation

AMS34063 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS34063 Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS34063
Download  AMS34063 Click to download

File Size   577.88 Kbytes
Page   10 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 3V to 40V Input Voltage Operation

AMS34063 Datasheet (HTML) - Advanced Monolithic Systems Ltd


AMS34063 Product details

GENERAL DESCRIPTION
The AMS34063 is a monolithic control circuit containing the primary functions required for DC/DC converters. The device consists of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current limit circuit, driver and high current output switch. This device is specifically designed to be incorporated in step-down, step-up and voltage-inverting applications with a minimum number of external components. The ±2% internal reference and low quiescent current of 1.6mA are among the improvements of the device over the competition

FEATURES
◆ 3V to 40V Input Voltage Operation.
◆ Internal 1.5A Peak Current Switch.
◆ Internal ±2% Reference.
◆ Low Quiescent Current .
◆ Frequency Operation Up to 100KHz.
◆ Low Dropout Operation: 100% Duty Cycle
◆ Current Limiting.
◆ Standard DIP8 and SOP8 Packages

Applications
◆ DC-DC Converter Module
◆ ADSL Modems
◆ Hub.
◆ Battery Chargers




Similar Part No. - AMS34063

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
DC-TO-DC CONVERTER CONTROL CIRCUIT
AMS34063P ADMOS-AMS34063P Datasheet
69Kb / 7P
DC-TO-DC CONVERTER CONTROL CIRCUIT
AMS34063S ADMOS-AMS34063S Datasheet
69Kb / 7P
DC-TO-DC CONVERTER CONTROL CIRCUIT
More results


Similar Description - AMS34063

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA34063ADTF FAIRCHILD-KA34063ADTF Datasheet
48Kb / 6P
Operation From 3.0 to 40V Input
logo
M.S. Kennedy Corporatio...
MSK5500-15 MSK-MSK5500-15 Datasheet
491Kb / 5P
Input Voltage from Vout Dropout to 40V
logo
List of Unclassifed Man...
PT3905 ETC2-PT3905 Datasheet
328Kb / 1P
3V~18V operation
PT3906 ETC2-PT3906 Datasheet
326Kb / 1P
3V~18V operation
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
Wide input voltage range 4.5V to 40V
logo
Maxim Integrated Produc...
MAX15049EVKIT MAXIM-MAX15049EVKIT Datasheet
837Kb / 7P
Optional 4.5V to 5.5V Input-Voltage Operation
Rev 0; 1/10
MAX3161EEVKIT MAXIM-MAX3161EEVKIT Datasheet
145Kb / 7P
3V to 5.5V Single-Supply Operation
Rev 0; 4/07
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
3V to 5.5V Single-Supply Operation
2007
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
Wide 4.5V to 40V Input Voltage Range
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
Wide 4.5V to 40V Input Voltage Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com