Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS34063 Datasheet (PDF) - Advanced Monolithic Systems

AMS34063 Datasheet PDF - Advanced Monolithic Systems
Part # AMS34063
Download  AMS34063 Download
File Size   69.14 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description DC-TO-DC CONVERTER CONTROL CIRCUIT

AMS34063 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS34063 Datasheet PDF - Advanced Monolithic Systems

Part # AMS34063
Download  AMS34063 Click to download

File Size   69.14 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description DC-TO-DC CONVERTER CONTROL CIRCUIT

AMS34063 Datasheet (HTML) - Advanced Monolithic Systems


AMS34063 Product details

GENERAL DESCRIPTION
The AMS34063 series is a control circuit containing the basic functions required for DC-to-DC converters. The device consists of an internal temperature compensated reference, a comparator, a controlled duty cycle oscillator with an active current limit circuit, a driver and a high current output switch. Designed specifically to be incorporated in Step-Up, Step-Down and Voltage -Inverting applications, the AMS34063 requires a minimum number of external components.
The AMS34063 is available in the 8-lead plastic SOIC and 8-lead plastic DIP packages.

FEATURES
• Wide Input Voltage Operating Range from 2.5V to 40V
• Low Standby Current
• Current Limiting
• Output Switch Current of 1.5A
• Output Voltage Adjustable from 1.25 to 40V
• Frequency of Operation to 100kHz

APPLICATIONS
• Step-Up Converter
• Step-Down Converter
• Voltage Inverting Application




Similar Part No. - AMS34063

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS34063 AMS-AMS34063 Datasheet
577Kb / 10P
3V to 40V Input Voltage Operation
More results


Similar Description - AMS34063

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
List of Unclassifed Man...
B34063A ETC-B34063A Datasheet
478Kb / 9P
1.5Amp DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
DC-to-DC Converter Control Circuit
logo
List of Unclassifed Man...
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
DC-to-DC Converter Control Circuit
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
DC-to-DC Converter Control Circuit
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com