Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3990 Datasheet (PDF) - Linear Technology

LT3990 Datasheet PDF - Linear Technology
Part # LT3990
Download  LT3990 Download
File Size   269.79 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description High Efficiency, 65V 500mA Synchronous

LT3990 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3990 Datasheet PDF - Linear Technology

Part # LT3990
Download  LT3990 Click to download

File Size   269.79 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description High Efficiency, 65V 500mA Synchronous

LT3990 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3990

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
235Kb / 20P
60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990 Datasheet
301Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
LT3990 LINER-LT3990 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results


Similar Description - LT3990

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
June 26, 2009
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
500mA 4.3MHz Low IQ High Efficiency Synchronous
September 21, 2011
logo
Linear Technology
LTC3630A LINER-LTC3630A Datasheet
346Kb / 24P
High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630 LINER-LTC3630_15 Datasheet
290Kb / 26P
High Efficiency, 65V 500mA Synchronous Step-Down Converter
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com