Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3990 Datasheet (PDF) - Linear Technology

LT3990 Datasheet PDF - Linear Technology
Part # LT3990
Download  LT3990 Download
File Size   301.85 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36V 500mA Step-Down Regulator and 200mA LDO

LT3990 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3990 Datasheet PDF - Linear Technology

Part # LT3990
Download  LT3990 Click to download

File Size   301.85 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36V 500mA Step-Down Regulator and 200mA LDO

LT3990 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3990

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
235Kb / 20P
60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
269Kb / 26P
High Efficiency, 65V 500mA Synchronous
LT3990 LINER-LT3990 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results


Similar Description - LT3990

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Monolithic Power System...
MP2101 MPS-MP2101 Datasheet
469Kb / 12P
1.6MHz Synchronous Step-Down plus 200mA LDO
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
256Kb / 24P
Dual 36V, 700mA Step-Down Regulator
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
logo
Semtech Corporation
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
3.5MHz, 500mA Step-down Regulator
logo
Linear Technology
LT3645 LINER-LT3645_15 Datasheet
306Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
Dual 36V, 700mA Step-Down Regulator
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
36V, 3A Step-Down Module Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com