Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60NT3 Datasheet (PDF) - Naina Semiconductor ltd.

60NT3 Datasheet PDF - Naina Semiconductor ltd.
Part # 60NT3
Download  60NT3 Download
File Size   113.86 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Non-isolated Thyristor Module

60NT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
60NT3 Datasheet PDF - Naina Semiconductor ltd.

Part # 60NT3
Download  60NT3 Click to download

File Size   113.86 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Non-isolated Thyristor Module

60NT3 Datasheet (HTML) - Naina Semiconductor ltd.


60NT3 Product details

Features
• Low voltage three-phase
• High surge current of 2500A @ 60Hz
• Easy construction
• Non-isolated
• Mounting base as common anode




Similar Part No. - 60NT3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
60N02 VBSEMI-60N02 Datasheet
1,017Kb / 8P
N-Channel 30-V (D-S) MOSFET
60N03 VBSEMI-60N03 Datasheet
1,017Kb / 8P
N-Channel 30-V (D-S) MOSFET
60N03. VBSEMI-60N03. Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
60N035 ETC-60N035 Datasheet
127Kb / 2P
N-Channel Field Effect Transistor
logo
VBsemi Electronics Co.,...
60N03F VBSEMI-60N03F Datasheet
1,017Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - 60NT3

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PWB80A30 SANREX-PWB80A30 Datasheet
390Kb / 2P
THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB130A40 SANREX-PWB130A40 Datasheet
113Kb / 2P
THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB100A SANREX-PWB100A Datasheet
114Kb / 2P
THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
80NT3 NAINA-80NT3 Datasheet
116Kb / 2P
Non-isolated Thyristor Module
100NT3 NAINA-100NT3 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
130NT3 NAINA-130NT3 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
PWB80A NAINA-PWB80A Datasheet
184Kb / 2P
Non-isolated Thyristor Module, 80A
N3T60 NAINA-N3T60 Datasheet
176Kb / 2P
Non-isolated Thyristor Module, 60 Amps
N3T80 NAINA-N3T80 Datasheet
171Kb / 2P
Non-isolated Thyristor Module, 80 Amps
N3T130 NAINA-N3T130 Datasheet
170Kb / 2P
Non-isolated Thyristor Module, 130 Amps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com