Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100NT3 Datasheet (PDF) - Naina Semiconductor ltd.

100NT3 Datasheet PDF - Naina Semiconductor ltd.
Part # 100NT3
Download  100NT3 Download
File Size   113.31 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Non-isolated Thyristor Module

100NT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
100NT3 Datasheet PDF - Naina Semiconductor ltd.

Part # 100NT3
Download  100NT3 Click to download

File Size   113.31 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Non-isolated Thyristor Module

100NT3 Datasheet (HTML) - Naina Semiconductor ltd.


100NT3 Product details

Features
• Low voltage three-phase
• High surge current of 2500A @ 60Hz
• Easy construction
• Non-isolated
• Mounting base as common anode




Similar Part No. - 100NT3

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NT NAINA-100NT Datasheet
116Kb / 2P
Phase Control Thyristors, 100A
100NTD NAINA-100NTD Datasheet
135Kb / 2P
Thyristor - Diode Module
100NTT NAINA-100NTT Datasheet
140Kb / 2P
Thyristor - Diode Module
100NT NAINA-100NT_17 Datasheet
158Kb / 2P
Phase Control Thyristors, 100A
More results


Similar Description - 100NT3

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PWB80A30 SANREX-PWB80A30 Datasheet
390Kb / 2P
THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB130A40 SANREX-PWB130A40 Datasheet
113Kb / 2P
THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB100A SANREX-PWB100A Datasheet
114Kb / 2P
THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
60NT3 NAINA-60NT3 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
80NT3 NAINA-80NT3 Datasheet
116Kb / 2P
Non-isolated Thyristor Module
130NT3 NAINA-130NT3 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
PWB80A NAINA-PWB80A Datasheet
184Kb / 2P
Non-isolated Thyristor Module, 80A
N3T60 NAINA-N3T60 Datasheet
176Kb / 2P
Non-isolated Thyristor Module, 60 Amps
N3T80 NAINA-N3T80 Datasheet
171Kb / 2P
Non-isolated Thyristor Module, 80 Amps
N3T130 NAINA-N3T130 Datasheet
170Kb / 2P
Non-isolated Thyristor Module, 130 Amps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com