Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ25332B Datasheet (PDF) - Freescale Semiconductor, Inc

MMZ25332B Datasheet PDF - Freescale Semiconductor, Inc
Part # MMZ25332B
Download  MMZ25332B Download
File Size   543.77 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor

MMZ25332B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMZ25332B Datasheet PDF - Freescale Semiconductor, Inc

Part # MMZ25332B
Download  MMZ25332B Click to download

File Size   543.77 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor

MMZ25332B Datasheet (HTML) - Freescale Semiconductor, Inc


MMZ25332B Product details

1800--2800 MHz, 26.5 dB 33 dBm InGaP HBT

The MMZ25332B is a 2--stage, high linearity InGaP HBT broadband amplifier designed for femtocell, picocell, WLAN (802.11g/n), W--CDMA, TD--SCDMA and LTE wireless broadband applications. It provides exceptional linearity for LTE and W--CDMA air interfaces with an ACPR of --50 dBc at an output power of up to 22 dBm, covering frequencies from 1800–2800 MHz. It operates from a supply voltage of 3 to 5 volts. The amplifier is fully input matched, requires minimal external matching on the output and is housed in a cost--effective, surface mount QFN 3×3 package. The device offers state--of--the--art reliability, ruggedness, temperature stability and ESD performance.

• Typical Performance: VCC1 = VCC2 = VBIAS = 5 Volts, ICQ = 400 mA

Features
• Frequency: 1800--2800 MHz
• P1dB: 33 dBm @ 2500 MHz
• Power Gain: 26.5 dB @ 2500 MHz
• OIP3: 48 dBm @ 2500 MHz
• EVM < 3% @ 26.5 dBm Pout, WiMAX (802.16e)
• Active Bias Control (adjustable externally)
• Single 3 to 5 Volt Supply
• Single--ended Power Detector
• Cost--effective QFN Surface Mount Package
• In Tape and Reel. T1 Suffix = 1,000 Units per 12 mm, 7 inch Reel.




Similar Part No. - MMZ25332B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
MMZ25332B4 NXP-MMZ25332B4 Datasheet
1Mb / 20P
InGaP GaAs HBT
Rev. 1, 12/2017
MMZ25332B4T1 NXP-MMZ25332B4T1 Datasheet
1Mb / 20P
InGaP GaAs HBT
Rev. 1, 12/2017
logo
Freescale Semiconductor...
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMZ25332BT1 NXP-MMZ25332BT1 Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results


Similar Description - MMZ25332B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA20312B FREESCALE-MMA20312B_12 Datasheet
787Kb / 15P
Heterojunction Bipolar Transistor Technology
MMG3001NT1 FREESCALE-MMG3001NT1_12 Datasheet
461Kb / 15P
Heterojunction Bipolar Transistor
MMG3002NT1 FREESCALE-MMG3002NT1_12 Datasheet
559Kb / 16P
Heterojunction Bipolar Transistor
MMG3007NT1 FREESCALE-MMG3007NT1_12 Datasheet
366Kb / 15P
Heterojunction Bipolar Transistor
MMG3008NT1 FREESCALE-MMG3008NT1_12 Datasheet
350Kb / 15P
Heterojunction Bipolar Transistor
MMG3011NT1 FREESCALE-MMG3011NT1_12 Datasheet
362Kb / 15P
Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
Heterojunction Bipolar Transistor
MMG3013NT1 FREESCALE-MMG3013NT1_12 Datasheet
349Kb / 15P
Heterojunction Bipolar Transistor
MMG3015NT1 FREESCALE-MMG3015NT1_12 Datasheet
316Kb / 15P
Heterojunction Bipolar Transistor
MMZ09312B FREESCALE-MMZ09312B_12 Datasheet
1Mb / 20P
Heterojunction Bipolar Transistor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com