Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet (PDF) - Freescale Semiconductor, Inc

MPC5644A Datasheet PDF - Freescale Semiconductor, Inc
Part # MPC5644A
Download  MPC5644A Download
File Size   2380.49 Kbytes
Page   138 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MPC5644A Microcontroller

MPC5644A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5644A Datasheet PDF - Freescale Semiconductor, Inc

Part # MPC5644A
Download  MPC5644A Click to download

File Size   2380.49 Kbytes
Page   138 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MPC5644A Microcontroller

MPC5644A Datasheet (HTML) - Freescale Semiconductor, Inc


MPC5644A Product details

Description

The microcontroller’s e200z4 host processor core is built on Power Architecture® technology and designed specifically for embedded applications. In addition to the Power Architecture technology, this core supports instructions for digital signal processing (DSP).

The MPC5644A has two levels of memory hierarchy consisting of 8 KB of instruction cache, backed by 192 KB on-chip SRAM and 4 MB of internal flash memory. The MPC5644A includes an external bus interface, and also a calibration bus that is only accessible when using the Freescale VertiCal Calibration System.

This document describes the features of the MPC5644A and highlights important electrical and physical characteristics of the device.



MPC5644A Microcontroller

Data Sheet

• 150 MHz e200z4 Power Architecture core

   — Variable length instruction encoding (VLE)

   — Superscalar architecture with 2 execution units

   — Up to 2 integer or floating point instructions per cycle

   — Up to 4 multiply and accumulate operations per cycle

• Memory organization

   — 4 MB on-chip flash memory with ECC and Read While Write (RWW)

   — 192 KB on-chip SRAM with standby functionality (32 KB) and ECC

   — 8 KB instruction cache (with line locking), configurable as 2- or 4-way

   — 14 + 3 KB eTPU code and data RAM

   — 5 x 4 crossbar switch (XBAR)

   — 24-entry MMU

   — External Bus Interface (EBI) with slave and master port

• Fail Safe Protection

   — 16-entry Memory Protection Unit (MPU)

   — CRC unit with 3 sub-modules

   — Junction temperature sensor

• Interrupts

   — Configurable interrupt controller (with NMI)

   — 64-channel DMA

• Serial channels

   — 3 x eSCI

   — 3 x DSPI (2 of which support downstream Micro Second Channel [MSC])

   — 3 x FlexCAN with 64 messages each

   — 1 x FlexRay module (V2.1) up to 10 Mbit/s with dual or single channel and 128 message objects and ECC

• 1 x eMIOS: 24 unified channels

• 1 x eTPU2 (second generation eTPU)

   — 32 standard channels

   — 1 x reaction module (6 channels with three outputs per channel)

• 2 enhanced queued analog-to-digital converters (eQADCs)

   — Forty 12-bit input channels (multiplexed on 2 ADCs); expandable to 56 channels with external multiplexers

   — 6 command queues

   — Trigger and DMA support

   — 688 ns minimum conversion time

• On-chip CAN/SCI/FlexRay Bootstrap loader with Boot Assist Module (BAM)

• Nexus

   — Class 3+ for the e200z4 core

   — Class 1 for the eTPU

• JTAG (5-pin)

• Development Trigger Semaphore (DTS)

   — Register of semaphores (32-bits) and an identification register

   — Used as part of a triggered data acquisition protocol

   — EVTO pin is used to communicate to the external tool

• Clock generation

   — On-chip 4–40 MHz main oscillator

   — On-chip FMPLL (frequency-modulated phase-locked loop)

• Up to 120 general purpose I/O lines

   — Individually programmable as input, output or special function

   — Programmable threshold (hysteresis)

• Power reduction mode: slow, stop and stand-by modes

• Flexible supply scheme

   — 5 V single supply with external ballast

   — Multiple external supply: 5 V, 3.3 V and 1.2 V

• Packages

   — 176 LQFP

   — 208 MAPBGA

   — 324 TEPBGA

   496-pin CSP (calibration tool only)



 




Similar Part No. - MPC5644A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5644B FREESCALE-MPC5644B Datasheet
1Mb / 114P
Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
logo
NXP Semiconductors
MPC5644B NXP-MPC5644B Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5644BCACLT1 NXP-MPC5644BCACLT1 Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5644BCACLT1R NXP-MPC5644BCACLT1R Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5644BCACLT8 NXP-MPC5644BCACLT8 Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
More results


Similar Description - MPC5644A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
logo
Freescale Semiconductor...
SPC5644AF0MVZ1 FREESCALE-SPC5644AF0MVZ1 Datasheet
2Mb / 138P
MPC5644A Microcontroller Data Sheet
logo
Texas Instruments
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com